Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFR20150CTB Datasheet (PDF) - PFC Device Inc.

PFR20150CTB Datasheet PDF - PFC Device Inc.
Part # PFR20150CTB
Download  PFR20150CTB Download
File Size   775.57 Kbytes
Page   7 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 20A 150V MOS Schottky Rectifier

PFR20150CTB Datasheet (PDF)

Go To PDF Page Download Datasheet
PFR20150CTB Datasheet PDF - PFC Device Inc.

Part # PFR20150CTB
Download  PFR20150CTB Click to download

File Size   775.57 Kbytes
Page   7 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 20A 150V MOS Schottky Rectifier

PFR20150CTB Datasheet (HTML) - PFC Device Inc.




Similar Part No. - PFR20150CTB

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFR20200CT PFC-PFR20200CT Datasheet
774Kb / 7P
20A 200V MOS Schottky Rectifier
PFR20200CTB PFC-PFR20200CTB Datasheet
774Kb / 7P
20A 200V MOS Schottky Rectifier
PFR20200CTF PFC-PFR20200CTF Datasheet
774Kb / 7P
20A 200V MOS Schottky Rectifier
PFR20200CTI PFC-PFR20200CTI Datasheet
774Kb / 7P
20A 200V MOS Schottky Rectifier
PFR20200PT PFC-PFR20200PT Datasheet
660Kb / 6P
20A 200V MOS Schottky Rectifier
More results


Similar Description - PFR20150CTB

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS20L150CT-A CITC-CS20L150CT-A Datasheet
505Kb / 3P
20A MOS Schottky Rectifier
CSF20L150CT-A CITC-CSF20L150CT-A Datasheet
507Kb / 3P
20A MOS Schottky Rectifier
CSF2045CT-A CITC-CSF2045CT-A Datasheet
506Kb / 3P
20A MOS Schottky Rectifier
logo
PFC Device Inc.
P20150E PFC-P20150E Datasheet
650Kb / 6P
20A 150V MOS Schottky Rectifier
PFR20L150CT PFC-PFR20L150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PFR20V150CT PFC-PFR20V150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PT20A150SP PFC-PT20A150SP Datasheet
723Kb / 5P
20A 150V HPTR Schottky Rectifier
PTR20H150CT PFC-PTR20H150CT Datasheet
777Kb / 7P
20A 150V HPTR짰 Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD20S150SL LUGUANG-SD20S150SL Datasheet
1Mb / 4P
20A/150V Low VF Schottky Rectifier
Revision:20181101-P1
logo
Nanjing International G...
SR20150CT DGNJDZ-SR20150CT Datasheet
1Mb / 7P
20A 150V SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com