Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT10100D Datasheet (PDF) - PFC Device Inc.

PT10100D Datasheet PDF - PFC Device Inc.
Part # PT10100D
Download  PT10100D Download
File Size   649.76 Kbytes
Page   6 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 10A 100V HPTR짰 Schottky Rectifier

PT10100D Datasheet (PDF)

Go To PDF Page Download Datasheet
PT10100D Datasheet PDF - PFC Device Inc.

Part # PT10100D
Download  PT10100D Click to download

File Size   649.76 Kbytes
Page   6 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 10A 100V HPTR짰 Schottky Rectifier

PT10100D Datasheet (HTML) - PFC Device Inc.




Similar Part No. - PT10100D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PT10101EBE2 VISHAY-PT10101EBE2 Datasheet
106Kb / 4P
Transformers Pulse, Trigger Type
29-Nov-07
More results


Similar Description - PT10100D

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT20V100N5 PFC-PT20V100N5 Datasheet
818Kb / 5P
20A 100V HPTR짰 Schottky Rectifier
PTA3L100 PFC-PTA3L100 Datasheet
564Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTB3L100 PFC-PTB3L100 Datasheet
560Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTB3V100 PFC-PTB3V100 Datasheet
564Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTR10L100CT PFC-PTR10L100CT Datasheet
773Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR10L120CT PFC-PTR10L120CT Datasheet
775Kb / 7P
10A 120V HPTR짰 Schottky Rectifier
PTR10V100CT PFC-PTR10V100CT Datasheet
774Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR20H100CT PFC-PTR20H100CT Datasheet
778Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
PTR20L100CT PFC-PTR20L100CT Datasheet
774Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
PTR20V100CT PFC-PTR20V100CT Datasheet
775Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com