Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C154S Datasheet (PDF) - OKI electronic componets

MSM80C154S Datasheet PDF - OKI electronic componets
Part # MSM80C154S
Download  MSM80C154S Download
File Size   257.46 Kbytes
Page   40 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS 8-bit Microcontroller

MSM80C154S Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM80C154S Datasheet PDF - OKI electronic componets

Part # MSM80C154S
Download  MSM80C154S Click to download

File Size   257.46 Kbytes
Page   40 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS 8-bit Microcontroller

MSM80C154S Datasheet (HTML) - OKI electronic componets


MSM80C154S Product details

GENERAL DESCRIPTION

The MSM80C154S/MSM83C154S, designed for the high speed version of the existing

MSM80C154/MSM83C154, is a higher performance 8-bit microcontroller providing low-power

consumption.

The MSM80C154S/MSM83C154S covers the functions and operating range of the existing

MSM80C154/83C154/80C51F/80C31F.

The MSM80C154S is identical to the MSM83C154S except it does not contain the internal

program memory (ROM).



FEATURES

• Operating range

  Operating frequency : 0 to 3 MHz (Vcc=2.2 to 6.0 V)

                               0 to 12 MHz (Vcc =3.0 to 6.0 V)

                               0 to 24 MHz (Vcc =4.5 to 6.0 V)

  Operating voltage : 2.2 to 6.0 V

  Operating temperature : –40 to +85°C (Operation at +125°C conforms to the other specification.)

• Fully static circuit

• Upward compatible with the MSM80C51F/80C31F

• On-chip program memory : 16K words x 8 bits ROM (MSM83C154S only)

• On-chip data memory : 256 words x 8 bits RAM

• External program memory address space : 64K bytes ROM (Max)

• External data memory address space : 64K bytes RAM

• I/O ports : 4 ports x 8 bits (Port 1, 2, 3, impedance programmable) : 32

• 16-bit timer/counters : 3

• Multifunctional serial port : I/O Expansion mode

                                     : UART mode (featuring error detection)

• 6-source 2-priority level

   Interrupt and multi-level

   Interrupt available by programming IP and IE registers

• Memory-mapped special function registers

• Bit addressable data memory and SFRs

• Minimum instruction cycle : 500 ns @ 24 MHz operation

• Standby functions : Power-down mode (oscillator stop)

                            Activated by software or hardware; providing

                            ports with floating or active status

                            The software power-down stet mode is termi

                            nated by interrupt signal enabling execution from

                            the interrupted address.




Similar Part No. - MSM80C154S

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C31 OKI-MSM80C31 Datasheet
355Kb / 39P
CMOS 8-Bit Microcontroller
MSM80C31F OKI-MSM80C31F Datasheet
355Kb / 39P
CMOS 8-Bit Microcontroller
MSM80C35 OKI-MSM80C35 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
MSM80C39 OKI-MSM80C39 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
MSM80C40 OKI-MSM80C40 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
More results


Similar Description - MSM80C154S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com