Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7683BRM Datasheet (PDF) - Analog Devices

AD7683BRM Datasheet PDF - Analog Devices
Part # AD7683BRM
Download  AD7683BRM Download
File Size   467.18 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN

AD7683BRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7683BRM Datasheet PDF - Analog Devices

Part # AD7683BRM
Download  AD7683BRM Click to download

File Size   467.18 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN

AD7683BRM Datasheet (HTML) - Analog Devices


AD7683BRM Product details

GENERAL DESCRIPTION
The AD7683 is a 16-bit, charge redistribution, successive approximation, PulSAR® analog-to-digital converter (ADC) that operates from a single power supply, VDD, between 2.7 V and 5.5 V. It contains a low power, high speed, 16-bit sampling ADC with no missing codes (B grade), an internal conversion clock, and a serial, SPI-compatible interface port. The part also contains a low noise, wide bandwidth, short aperture delay, track-and-hold circuit. On the CSfalling edge, it samples an analog input, +IN, between 0 V to REF with respect to a ground sense, –IN. The reference voltage, REF, is applied externally and can be set up to the supply voltage. Its power scales linearly with throughput. The AD7683 is housed in an 8-lead MSOP or an 8-lead QFN
(LFCSP) package, with an operating temperature specified from −40°C to +85°C.

FEATURES
16-bit resolution with no missing codes
Throughput: 100 kSPS
INL: ±1 LSB typical, ±3 LSB maximum
Pseudo differential analog input range
0 V to VREFwith VREFup to VDD
Single-supply operation: 2.7 V to 5.5 V
Serial interface SPI/QSPI/MICROWIRE/DSP compatible
Power dissipation: 4 mW @ 5 V, 1.5 mW @ 2.7 V,
150 μW @ 2.7 V/10 kSPS
Standby current: 1 nA
8-lead packages:
MSOP
3 mm × 3 mm QFN (LFCSP) (SOT-23 size)
Improved second source to ADS8320 and ADS8325

APPLICATIONS
Battery-powered equipment
Data acquisition
Instrumentation
Medical instruments
Process control




Similar Part No. - AD7683BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683BRMZ AD-AD7683BRMZ Datasheet
404Kb / 16P
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
AD7683BRMZ AD-AD7683BRMZ Datasheet
470Kb / 17P
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
2/16-Rev. A to Rev. B
AD7683BRMZRL7 AD-AD7683BRMZRL7 Datasheet
470Kb / 17P
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
2/16-Rev. A to Rev. B
More results


Similar Description - AD7683BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683BRMZ AD-AD7683BRMZ Datasheet
404Kb / 16P
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
AD7683ARMZ AD-AD7683ARMZ Datasheet
404Kb / 16P
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7684BRMZ AD-AD7684BRMZ Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7683 AD-AD7683_17 Datasheet
470Kb / 17P
16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
2/16-Rev. A to Rev. B
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
10/07-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com