Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC845 Datasheet (PDF) - Micrel Semiconductor

MIC845 Datasheet PDF - Micrel Semiconductor
Part # MIC845
Download  MIC845 Download
File Size   137.48 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micro-Power Comparator/ Battery Monitor

MIC845 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC845 Datasheet PDF - Micrel Semiconductor

Part # MIC845
Download  MIC845 Click to download

File Size   137.48 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micro-Power Comparator/ Battery Monitor

MIC845 Datasheet (HTML) - Micrel Semiconductor


MIC845 Product details

General Description
The MIC845 is a precision micro-power voltage comparator with an on-chip 2.55V reference voltage source.
Intended for voltage monitoring applications, the MIC845 can be used with an external resistor divider to detect a wide range of voltages, or without external resistors to directly monitor voltages with its high input impedance CMOS input.

Features
• Extremely low 1µA supply current (typical)
• 2.55V on chip reference
• ±2% voltage threshold accuracy
• Optimized for PDAs, cellular telephones, pagers, and other battery-powered devices
• Open-drain output can be pulled up to 6V regardless of supply voltage
• 5-lead SC-70 package

Applications
• PDAs
• Pagers
• Cordless phones
• Portable electronics
• Motherboards
• Bladed servers




Similar Part No. - MIC845

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
MIC845HBC5 MICREL-MIC845HBC5 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
MIC845LBC5 MICREL-MIC845LBC5 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
MIC845NBC5 MICREL-MIC845NBC5 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
MIC845 MICREL-MIC845_11 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
More results


Similar Description - MIC845

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
BATTERY OPERATED POWER COMPARATOR
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Micrel Semiconductor
MIC845 MICREL-MIC845_11 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
logo
Maxim Integrated Produc...
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
logo
Shanghai Consonance Ele...
CN301 CONSONANCE-CN301 Datasheet
246Kb / 9P
Ultra Low Power Battery Monitor
logo
Shenzhen Huazhimei Semi...
HM6100 HMSEMI-HM6100 Datasheet
454Kb / 6P
Ultra Low Power Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com