Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC1576 Datasheet (PDF) - Shaoxing Devechip Microelectronics Co., Ltd

SDC1576 Datasheet PDF - Shaoxing Devechip Microelectronics Co., Ltd
Part # SDC1576
Download  SDC1576 Download
File Size   414.02 Kbytes
Page   11 Pages
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd
Description Single-Coil Brushless DC Motor Driver

SDC1576 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDC1576 Datasheet PDF - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC1576
Download  SDC1576 Click to download

File Size   414.02 Kbytes
Page   11 Pages
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd
Description Single-Coil Brushless DC Motor Driver

SDC1576 Datasheet (HTML) - Shaoxing Devechip Microelectronics Co., Ltd


SDC1576 Product details

General Description
The SDC1576 is an integrated Hall sensor with H-bridged output driver designed for brushless DC motor applications. The IC includes high sensitivity hall sensor, chopper stabilized amplifier, dynamic offset cancellation, thermal protection and active reverse battery protection. The high sensitivity of Hall-effect sensor is suitable for motors from mini-type CPU coolers to blowers and DC fans. Typical operation current is 300mA and operating voltage range is wide.

Features
■ One-chip Hall Sensor
■ Wide operating voltage range: 3.2V~18V
■ Output current: 300mA(Continuous)
■ Output thermal shutdown protection
■ Lock protection and auto-restart
■ Active reverse battery protection

Applications
■ Single Phase BLDC Fans
■ Single Phase BLDC Motors




Similar Part No. - SDC1576

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC15 SEMTECH-SDC15 Datasheet
158Kb / 6P
TVS Diode Array for ESD Protection of 12V Data & Power Lines
SDC15 SEMTECH-SDC15 Datasheet
146Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
SDC15.TC SEMTECH-SDC15.TC Datasheet
146Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
SDC15.TCT SEMTECH-SDC15.TCT Datasheet
146Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
More results


Similar Description - SDC1576

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
logo
Silicon Touch Technolog...
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
Variable Speed Double Coil Brushless DC Motor Driver
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
Variable Speed Double Coil DC Brushless Motor Driver
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
Single-phase DC Brushless Motor Driver IC
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
Brushless DC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com