Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81C55 Datasheet (PDF) - OKI electronic componets

81C55 Datasheet PDF - OKI electronic componets
Part # 81C55
Download  81C55 Download
File Size   156.91 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER

81C55 Datasheet (PDF)

Go To PDF Page Download Datasheet
81C55 Datasheet PDF - OKI electronic componets

Part # 81C55
Download  81C55 Click to download

File Size   156.91 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER

81C55 Datasheet (HTML) - OKI electronic componets


81C55 Product details

GENERAL  DESCRIPTION

The MSM81C55-5 has a 2k-bit static RAM (256 bytes) with parallel I/O ports and a timer.  It uses silicon gate CMOS technology and consumes a standby current of 100 micro ampere, maximum, while the chip is not selected.  Featureing a maximum access time of 400 ns, the MSM81C55-5 can  be used in an MSM80C85AH system without using wait states.  The parallel I/O consists of two 8-bit ports and one 6-bit port (both general purpose). The MSM81C55-5 also contains a 14-bit programmable counter/timer which may be used for sequence-wave generation or terminal count-pulsing.



FEATURES

• High speed and low power achieved with silicon gate CMOS technology

• 256 words x 8bits RAM

• Single power supply, 3 to 6 V

• Completely static operation

• On-chip address latch

• 8-bit programmable I/O ports (port A and B)

• TTL Compatible

• RAM data hold characteristic at 2 V

• 6-bit programmable I/O port (port C)

• 14-bit programmable binary counter/timer

• Multiplexed address/data bus

• Direct interface with MSM80C85AH

• 40-pin Plastic DIP (DIP40-P-600-2.54): (Product name: MSM81C55-5RS)

• 44-pin Plastic QFJ (QFJ44-P-S650-1.27): (Product name: MSM81C55-5JS)

• 44-pin Plastic QFP (QFP44-P-910-0.80-2K): (Product name: MSM81C55-5GS-2K)




Similar Part No. - 81C55

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
81C55 INTERSIL-81C55 Datasheet
86Kb / 14P
Radiation Hardened 256 x 8 CMOS RAM
1996 03
More results


Similar Description - 81C55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
logo
Sony Corporation
CXK5814P SONY-CXK5814P Datasheet
362Kb / 8P
2048-WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
logo
Advanced Micro Devices
8155 AMD-8155 Datasheet
650Kb / 14P
2048-Bit Static MOS RAM with I/O Ports and Timer
logo
Intel Corporation
8155H INTEL-8155H Datasheet
757Kb / 14P
2048-BIT STATIC HMOS RAM WITH I/O PORTS AND TIMER
logo
Hitachi Semiconductor
HM6116 HITACHI-HM6116 Datasheet
250Kb / 5P
2048-word X 8bit High Speed CMOS Static RAM
logo
National Semiconductor ...
NSC810AN NSC-NSC810AN Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
logo
Sanyo Semicon Device
LC3516 SANYO-LC3516 Datasheet
35Kb / 1P
2048 WORDS x8 BITS CMOS STATIC RAM
logo
Sony Corporation
CXK5816PN SONY-CXK5816PN Datasheet
437Kb / 9P
2048-WORD 8 BIT HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
CDM6116AC ETC1-CDM6116AC Datasheet
155Kb / 5P
High-Reliability CMOS 2048-Word by 8-bit LSI Static RAM
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com