Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C51A Datasheet (PDF) - OKI electronic componets

82C51A Datasheet PDF - OKI electronic componets
Part # 82C51A
Download  82C51A Download
File Size   203.39 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER

82C51A Datasheet (PDF)

Go To PDF Page Download Datasheet
82C51A Datasheet PDF - OKI electronic componets

Part # 82C51A
Download  82C51A Click to download

File Size   203.39 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER

82C51A Datasheet (HTML) - OKI electronic componets


82C51A Product details

GENERAL DESCRIPTION

The MSM82C51A-2 is a USART (Universal Synchronous Asynchronous Receiver Transmitter) for serial data communication.

As a peripheral device of a microcomputer system, the MSM82C51A-2 receives parallel data from the CPU and transmits serial data after conversion. This device also receives serial data from the outside and transmits parallel data to the CPU after conversion.

The MSM82C51A-2 configures a fully static circuit using silicon gate CMOS technology. Therefore, it operates on extremely low power at 100 mA (max) of standby current by suspending all operations.



FEATURES

• Wide power supply voltage range from 3 V to 6 V

• Wide temperature range from –40°C to 85°C

• Synchronous communication upto 64 Kbaud

• Asynchronous communication upto 38.4 Kbaud

• Transmitting/receiving operations under double buffered configuration.

• Error detection (parity, overrun and framing)

• 28-pin Plastic DIP (DIP28-P-600-2.54): (Product name: MSM82C51A-2RS)

• 28-pin Plastic QFJ (QFJ28-P-S450-1.27): (Product name: MSM82C51A-2JS)

• 32-pin Plastic SSOP(SSOP32-P-430-1.00-K): (Product name: MSM82C51A-2GS-K)



 




Similar Part No. - 82C51A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82C51 UTC-82C51 Datasheet
430Kb / 20P
VOLTAGE DETECTORS
More results


Similar Description - 82C51A

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
Universal Asynchronous Receiver/Transmitter
logo
National Semiconductor ...
NSC858 NSC-NSC858 Datasheet
683Kb / 19P
NSC858 Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
Universal Asynchronous Receiver/Transmitter
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
TL16PC564BLVI TI-TL16PC564BLVI Datasheet
525Kb / 34P
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
Universal Asynchronous Receiver/Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com