Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M82C55A Datasheet (PDF) - OKI electronic componets

M82C55A Datasheet PDF - OKI electronic componets
Part # M82C55A
Download  M82C55A Download
File Size   189.06 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS PROGRAMMABLE PERIPHERAL INTERFACE

M82C55A Datasheet (PDF)

Go To PDF Page Download Datasheet
M82C55A Datasheet PDF - OKI electronic componets

Part # M82C55A
Download  M82C55A Click to download

File Size   189.06 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS PROGRAMMABLE PERIPHERAL INTERFACE

M82C55A Datasheet (HTML) - OKI electronic componets


M82C55A Product details

GENERAL  DESCRIPTION

The MSM82C55A-2 is a programmable universal I/O interface device which operates as high speed and on low power consumption due to 3m silicon gate CMOS technology.  It is the best fit as an I/O port in a system which employs the 8-bit parallel processing MSM80C85AH CPU. This device has 24-bit I/O pins equivalent to three 8-bit I/O ports and all inputs/outputs are TTL interface compatible.





FEATURES

• High speed and low power consumption due to 3m silicon gate CMOS technology

• 3 V to 6 V single power supply

• Full static operation

• Programmable 24-bit I/O ports

• Bidirectional bus operation (Port A)

• Bit set/reset function (Port C)

• TTL compatible

• Compatible with 8255A-5

• 40-pin Plastic DIP (DIP40-P-600-2.54): (Product name: MSM82C55A-2RS)

• 44-pin Plastic QFJ (QFJ44-P-S650-1.27): (Product name: MSM82C55A-2VJS)

• 44-pin Plastic QFP (QFP44-P-910-0.80-2K): (Product name: MSM82C55A-2GS-2K)




Similar Part No. - M82C55A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
M82C54-2 OKI-M82C54-2 Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
More results


Similar Description - M82C55A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
CMOS Programmable Peripheral Interface
June 28, 2005
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
CMOS Programmable Peripheral Interface
June 15, 2006
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
CMOS Programmable Peripheral Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com