Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9405 Datasheet (PDF) - OKI electronic componets

MSM9405 Datasheet PDF - OKI electronic componets
Part # MSM9405
Download  MSM9405 Download
File Size   147.7 Kbytes
Page   30 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description IrDA Communication Controller

MSM9405 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9405 Datasheet PDF - OKI electronic componets

Part # MSM9405
Download  MSM9405 Click to download

File Size   147.7 Kbytes
Page   30 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description IrDA Communication Controller

MSM9405 Datasheet (HTML) - OKI electronic componets


MSM9405 Product details

GENERAL DESCRIPTION
The MSM9405 is a communication controller conforming to IrDA, the international standard for infrared data communication. The device covers the IrDA physical specifications Ver.1.0 and 1.1.
Since the device performs some of the functions concerning communication protocol control, the load on the software (firmware) for protocol control can be reduced. By combining the device with another microcontroller and an infrared transceiver module, a device provided with IrDA-compliant communication function can be configured.

FEATURES
• Data transfer rates
    IrDA 1.0 : 2400, 9600 bps; 19.2, 38.4, 57.6, 115.2 kbps
    IrDA 1.1 : 0.576, 1.152, 4 Mbps
• Detection/removal for beginning of frame and end of frame (IrDA 1.0, 1.1)
    Insertion for beginning of frame and end of frame (IrDA 1.0, 1.1)
• Generation/check for CRC (IrDA 1.0, 1.1)
• Host interface
    8-bit data bus : D0-D7
    DMA transfer : DREQ, DACK, TC
    Interrupt : INTR
    Address : A0-A3
    Control signal : CS, RD, WR
• Infrared module control signal : SD
• Built-in 32-byte transmit-receive FIFOs
• Power down mode
• Built-in oscillator circuit
• Crystal oscillation frequency : 18.432 MHz (other than 4 Mbps data rate)
                                                : 48 MHz (when 4 Mbps data rate used)
• Operating voltage (VDD) : 2.7 to 3.6 V
• Package:
    30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name : MSM9405MB)




Similar Part No. - MSM9405

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
DOT MATRIX LCD CONTROLLER
MSM9000B-XX OKI-MSM9000B-XX Datasheet
223Kb / 38P
DOT MATRIX LCD CONTROLLER
MSM9004 OKI-MSM9004 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
More results


Similar Description - MSM9405

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
IrDA infrared communication module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
IrDA Infrared communication Module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
IrDA Infrared Communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
IrDA Infrared Communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
IrDA infrared communication module
logo
M-System Co.,Ltd.
COPIRDA MSYSTEM-COPIRDA Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA MSYSTEM-COP-IRDA Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com