Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT28 Datasheet (PDF) - Vishay Siliconix

BYT28 Datasheet PDF - Vishay Siliconix
Part # BYT28
Download  BYT28 Download
File Size   47.1 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Ultrafast Soft Recovery Rectifier

BYT28 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYT28 Datasheet PDF - Vishay Siliconix

Part # BYT28
Download  BYT28 Click to download

File Size   47.1 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Ultrafast Soft Recovery Rectifier

BYT28 Datasheet (HTML) - Vishay Siliconix


BYT28 Product details

Dual Ultrafast Soft Recovery Rectifier

Reverse Voltage 300 to 400V

Forward Current 10A

Reverse Recovery Time 35ns



Features

• Plastic package has Underwriters Laboratories

  Flammability Classification 94V-0

• Ideally suited for free wheeling diode power factor correction applications

• Soft recovery characteristics

• Excellent high temperature switching

• Optimized to reduce switching losses

• High temperature soldering guaranteed: 250°C/10 seconds at terminals

• Glass passivated chip junction



 




Similar Part No. - BYT28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28 Datasheet
42Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
logo
WeEn Semiconductors
BYT28 WEEN-BYT28 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
logo
NXP Semiconductors
BYT28-300 PHILIPS-BYT28-300 Datasheet
42Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
logo
Vishay Siliconix
BYT28-300 VISHAY-BYT28-300 Datasheet
158Kb / 5P
Dual Ultrafast Soft Recovery Rectifier
06-Nov-07
logo
WeEn Semiconductors
BYT28-300 WEEN-BYT28-300 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
More results


Similar Description - BYT28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E VISHAY-BYQ28E Datasheet
46Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
Vishay Siliconix
BYT28 VISHAY-BYT28_07 Datasheet
158Kb / 5P
Dual Ultrafast Soft Recovery Rectifier
06-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com