Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2820 Datasheet (PDF) - Analog Devices

ADN2820 Datasheet PDF - Analog Devices
Part # ADN2820
Download  ADN2820 Download
File Size   786.79 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter

ADN2820 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2820 Datasheet PDF - Analog Devices

Part # ADN2820
Download  ADN2820 Click to download

File Size   786.79 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter

ADN2820 Datasheet (HTML) - Analog Devices


ADN2820 Product details

PRODUCT DESCRIPTION
The ADN2820 is a compact, high performance, 3.3 V power supply SiGe transimpedance amplifier (TIA) optimized for 10 Gbps Metro-Access and Ethernet systems. It is a single chip solution for detecting photodiode current with a differential output voltage. The ADN2820 features low input referred noise current and high output transimpedance gain, capable of driving a typical CDR or transceiver directly. A POWMON output is provided for input average power monitoring and alarm generation. Low nominal output offset enables dc output coupling to 3.3 V circuits. The OFFSET control input enables output slice level adjustment for asymmetric input signals. The ADN2820 operates with a 3.3 V power supply and is available in die form.

FEATURES
   Technology: high performance SiGe
   Bandwidth: 9 GHz
   Input noise current density: 1.0 µA
      Optical sensitivity: –19.3 dBm
   Differential transimpedance: 5000 V/A
   Power dissipation: 200 mW
   Input current overload: 2.8 mA p-p
   Linear input range: 0.15 mA p-p
   Output resistance: 50 Ω/side
   Output offset adjustment range: 240 mV
   Average input power monitor: 1 V/mA
   Die size: 0.87 mm × 1.06 mm

APPLICATIONS
   10.7 Gbps optical modules
   SONET/SDH OC-192/STM-64 and 10 GbE
      receivers, transceivers, and transponders




Similar Part No. - ADN2820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results


Similar Description - ADN2820

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
2.5 Gbps PIN-TIA (850nm) 3.3V
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
Optoway Technology Inc
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com