Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9209 Datasheet (PDF) - OKI electronic componets

ML9209 Datasheet PDF - OKI electronic componets
Part # ML9209
Download  ML9209 Download
File Size   384.54 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Vacuum fluorescent display tube controller driver

ML9209 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9209 Datasheet PDF - OKI electronic componets

Part # ML9209
Download  ML9209 Click to download

File Size   384.54 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Vacuum fluorescent display tube controller driver

ML9209 Datasheet (HTML) - OKI electronic componets


ML9209 Product details

GENERAL DESCRIPTION
The ML9209-xx is an alphanumeric type vacuum fluorescent display (VFD) tube controller driver IC which can
display alphanumeric characters, symbols, and bar charts.
Vacuum fluorescent display tube drive signals are generated by serial data sent from a micro-controller. A display system is easily realized by internal ROM and RAM for character display.
-01 is available as a general-purpose code.
Custom codes are provided on customer’s request.

FEATURES
• Logic power supply and vacuum fluorescent display tube driving power supply (VDD)
    : 3.3 V±10% or 5.0 V±10%
• Vacuum fluorescent display tube driving power supply (VFL)
    : VDD – 20 V to VDD – 42 V
• VFD driver output current
    (VFD driver output can be connected directly to the VFD tube. No pull-down resistor is required.)
    • Segment driver (SEG1–16) : –6 mA (VFL = VDD – 42 V)
    • Segment driver (AD1, 2) : –15 mA (VFL = VDD – 42 V)
    • Grid driver (COM1–16) : –30 mA (VFL = VDD – 42 V)
• Content of display
    • CGROM : 16 segments 240 types (character data)
    • CGRAM : 16 segments 16 types (character data)
    • ADRAM : 16 (display digit)× 2 bits (symbol data)
    • DCRAM : 16 (display digit) × 8 bits (register for character data display)
• Display control function
    • Display digits : 1 to 16 digits
    • Display duty (brightness adjustment) : 16 stages
    • All display lights ON/OFF
• Four interfaces with microcontroller: DA, CS, CP, RESET
• Instruction executable with 1 byte (excluding data write for each RAM)
• Built-in oscillation circuit (resistor & capacitor connected externally)
• Package options:
    44-pin plastic QFP (QFP44-P-910-0.80-2K) (ML9209-xxGA)




Similar Part No. - ML9209

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9209 LAPIS-ML9209 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
More results


Similar Description - ML9209

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
FEDL9286-03 ETC2-FEDL9286-03 Datasheet
388Kb / 37P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com