Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP3824 Datasheet (PDF) - Harris Corporation

HSP3824 Datasheet PDF - Harris Corporation
Part # HSP3824
Download  HSP3824 Download
File Size   276.59 Kbytes
Page   41 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Direct Sequence Spread Spectrum Baseband Processor

HSP3824 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP3824 Datasheet PDF - Harris Corporation

Part # HSP3824
Download  HSP3824 Click to download

File Size   276.59 Kbytes
Page   41 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Direct Sequence Spread Spectrum Baseband Processor

HSP3824 Datasheet (HTML) - Harris Corporation


HSP3824 Product details

Description

The Harris HSP3824 Direct Sequence (DSSS) baseband processor is part of the PRISM™ 2.4GHz radio chipset, and contains all the functions necessary for a full or half duplex packet base band transceiver.



Features

• Complete DSSS Baseband Processor

• High Data Rate. . . . . . . . . . . . . . . . . . . . .up to 4 MBPS

• Processing Gain . . . . . . . . . . . . . . . . . . . . . up to 12dB

• Programmable PN Code . . . . . . . . . . . . up to 16 Bits

• Ultra Small Package . . . . . . . . . . . . . . . . . 7 x 7 x 1mm

• Single Supply Operation (33MHz Max) . . 2.7V to 5.5V

• Single Supply Operation (44MHz Max) . . 3.3V to 5.0V

• Modulation Method . . . . . . . . . . . . .DBPSK or DQPSK

• Supports Full or Half Duplex Operations

• On-Chip A/D Converters for I/Q Data (3-Bit, 44 MSPS) and RSSI (6-Bit, 2 MSPS)



Applications

• Systems Targeting IEEE802.11 Standard

• DSSS PCMCIA Wireless Transceiver

• Spread Spectrum WLAN RF Modems

• TDMA Packet Protocol Radios

• Part 15 Compliant Radio Links

• Portable Bar Code Scanners/POS Terminal

• Portable PDA/Notebook Computer

• Wireless Digital Audio

• Wireless Digital Video

• PCN/Wireless PBX




Similar Part No. - HSP3824

ManufacturerPart #DatasheetDescription
logo
Heyco.
HSP3 HEYCO-HSP3 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
JL World Company Limite...
HSP3040A JLWORLD-HSP3040A Datasheet
108Kb / 1P
SPEAKER SOUND GENERATORS
HSP3040B JLWORLD-HSP3040B Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSP3040B-8 JLWORLD-HSP3040B-8 Datasheet
1Mb / 1P
Specification for other impedance is available upon request
More results


Similar Description - HSP3824

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
Direct Sequence Spread Spectrum Baseband Processor
April 2000
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
Direct Sequence Spread Spectrum Baseband Processo
November 2001
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
2.4GHz Direct Sequence Spread Spectrum RF Module
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com