Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW025F Datasheet (PDF) - Tyco Electronics

LW025F Datasheet PDF - Tyco Electronics
Part # LW025F
Download  LW025F Download
File Size   477.45 Kbytes
Page   16 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W

LW025F Datasheet (PDF)

Go To PDF Page Download Datasheet
LW025F Datasheet PDF - Tyco Electronics

Part # LW025F
Download  LW025F Click to download

File Size   477.45 Kbytes
Page   16 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W

LW025F Datasheet (HTML) - Tyco Electronics


LW025F Product details

Description
The LW025 Single-Output-Series Power Modules are low-profile dc-dc converters that operate over an input voltage range of 36 Vdc to 75 Vdc and provide precisely regulated outputs. The output is isolated from the input, allowing versatile polarity configurations and grounding connections. The module has a maximum power rating of 25 W at a typical full-load efficiency of 79%.
The power modules feature remote on/off and output voltage adjustments of 90% to 110% of the nominal output voltage. Built-in filtering for both input and output minimizes the need for external filtering.

Features
■ Low profile: 9.91 mm (0.390 in.) with 0.38 mm (0.015 in.) standoffs, 9.53 mm (0.375 in.) with standoffs recessed
■ Wide input voltage range: 36 Vdc to 75 Vdc
■ Input-to-output isolation
■ Operating case temperature range: –40 °C to +110 °C
■ Metal case
■ Overcurrent protection
■ Remote on/off
■ Output voltage adjust: 90% to 110% of VO, nom
■ Output overvoltage protection
■ UL* 1950 Recognized, CSA† C22.2 No. 950-95 Certified, VDE 0805 (EN60950, IEC950) Licensed
■ CE mark meets 73/23/EEC and 93/68/EEC directives‡
■ Within FCC and EN55022 (CISPR 22) Class A radiated limits

Applications
■ Distributed power architectures
■ Telecommunications




Similar Part No. - LW025F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LW020 GE-LW020 Datasheet
426Kb / 16P
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020A GE-LW020A Datasheet
426Kb / 16P
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020AF GE-LW020AF Datasheet
426Kb / 16P
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020B GE-LW020B Datasheet
426Kb / 16P
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LW020BC GE-LW020BC Datasheet
426Kb / 16P
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
More results


Similar Description - LW025F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
36 Vdc to 75 Vdc Inputs, 5 W
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
General Semiconductor
LW020G GE-LW020G Datasheet
426Kb / 16P
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com