Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTD123EK Datasheet (PDF) - NXP Semiconductors

PDTD123EK Datasheet PDF - NXP Semiconductors
Part # PDTD123EK
Download  PDTD123EK Download
File Size   68.04 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW

PDTD123EK Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTD123EK Datasheet PDF - NXP Semiconductors

Part # PDTD123EK
Download  PDTD123EK Click to download

File Size   68.04 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW

PDTD123EK Datasheet (HTML) - NXP Semiconductors


PDTD123EK Product details

General description
500 mA NPN Resistor-Equipped Transistors (RET) family.

Features
■ Built-in bias resistors 
■ Reduces component count
■ Simplifies circuit design 
■ Reduces pick and place costs
■ 500 mA output current capability 
■ ±10 % resistor ratio tolerance

Applications
■ Digital application in automotive and
   industrial segments
■ Cost saving alternative for BC817 series
   in digital applications
■ Controlling IC inputs 
■ Switching loads




Similar Part No. - PDTD123EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123EK PHILIPS-PDTD123EK Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTD123EK NXP-PDTD123EK Datasheet
131Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTD123EK NEXPERIA-PDTD123EK Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
More results


Similar Description - PDTD123EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PEMB20_PUMB20 PHILIPS-PEMB20_PUMB20_15 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PEMD20_PUMD20 PHILIPS-PEMD20_PUMD20_15 Datasheet
65Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PDTA123Y_SER NEXPERIA-PDTA123Y_SER Datasheet
237Kb / 19P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com