Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C149 Datasheet (PDF) - Cypress Semiconductor

CY7C149 Datasheet PDF - Cypress Semiconductor
Part # CY7C149
Download  CY7C149 Download
File Size   161.63 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1K x 4 Static RAM

CY7C149 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C149 Datasheet PDF - Cypress Semiconductor

Part # CY7C149
Download  CY7C149 Click to download

File Size   161.63 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1K x 4 Static RAM

CY7C149 Datasheet (HTML) - Cypress Semiconductor


CY7C149 Product details

Functional Description
The CY7C148 and CY7C149 are high-performance CMOS static RAMs organized as 1024 by 4 bits. Easy memory expansion is provided by an active LOW chip select (CS) input and three-state outputs. The CY7C148 remains in a low-power mode as long as the device remains unselected; i.e., (CS) is HIGH, thus reducing the average power requirements of the device. The chip select (CS) of the CY7C149 does not affect the power dissipation of the device.

Features
• Automatic power-down when deselected (7C148)
• CMOS for optimum speed/power
• 25-ns access time
• Low active power
   — 440 mW (commercial)
   — 605 mW (military)
• Low standby power (7C148)
   — 82.5 mW (25-ns version)
   — 55 mW (all others)
• 5-volt power supply ± 10% tolerance, both commercial and military
• TTL-compatible inputs and outputs




Similar Part No. - CY7C149

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149-25PC CYPRESS-CY7C149-25PC Datasheet
224Kb / 9P
1Kx4 Static RAM
CY7C149-35DMB CYPRESS-CY7C149-35DMB Datasheet
224Kb / 9P
1Kx4 Static RAM
CY7C149-35LMB CYPRESS-CY7C149-35LMB Datasheet
224Kb / 9P
1Kx4 Static RAM
CY7C149-35PC CYPRESS-CY7C149-35PC Datasheet
224Kb / 9P
1Kx4 Static RAM
CY7C149-45DMB CYPRESS-CY7C149-45DMB Datasheet
224Kb / 9P
1Kx4 Static RAM
More results


Similar Description - CY7C149

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
1K x 8 Dual-Port Static Ram
May 1989 - Revised March 27, 1997
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
1M x 4 Static RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
1K x 4 ECL RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
256K x 4 Static RAM
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com