Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP16N04HS Datasheet (PDF) - Excelliance MOS Corp.

EMP16N04HS Datasheet PDF - Excelliance MOS Corp.
Part # EMP16N04HS
Download  EMP16N04HS Download
File Size   215.67 Kbytes
Page   6 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMP16N04HS Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP16N04HS Datasheet PDF - Excelliance MOS Corp.

Part # EMP16N04HS
Download  EMP16N04HS Click to download

File Size   215.67 Kbytes
Page   6 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMP16N04HS Datasheet (HTML) - Excelliance MOS Corp.


EMP16N04HS Product details

Product Summary:
   BVDSS 40V
   RDSON (MAX.) 1.6mΩ
   ID 100A

UIS, Rg 100% Tested
Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMP16N04HS

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP103 EXCELICS-EMP103 Datasheet
252Kb / 2P
6.4 - 8.0 GHz Power Amplifier MMIC
EMP103-P2 EXCELICS-EMP103-P2 Datasheet
94Kb / 2P
6.4 - 8.0 GHz Power Amplifier MMIC
EMP103-Q5 EXCELICS-EMP103-Q5 Datasheet
144Kb / 4P
6.4 - 8.0 GHz Surface-Mounted PA
EMP104 EXCELICS-EMP104 Datasheet
292Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
EMP104-P2 EXCELICS-EMP104-P2 Datasheet
94Kb / 2P
5.0 - 6.5 GHz Power Amplifier MMIC
More results


Similar Description - EMP16N04HS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMD06N10E EXCELLIANCE-EMD06N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD06N80F EXCELLIANCE-EMD06N80F Datasheet
173Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N10E EXCELLIANCE-EMD08N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N80F EXCELLIANCE-EMD08N80F Datasheet
172Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06A EXCELLIANCE-EMD10N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06E EXCELLIANCE-EMD10N06E Datasheet
230Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N70F EXCELLIANCE-EMD10N70F Datasheet
170Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N06A EXCELLIANCE-EMD12N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N10H EXCELLIANCE-EMD12N10H Datasheet
215Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N60F EXCELLIANCE-EMD12N60F Datasheet
169Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com