Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMZF20A02V Datasheet (PDF) - Excelliance MOS Corp.

EMZF20A02V Datasheet PDF - Excelliance MOS Corp.
Part # EMZF20A02V
Download  EMZF20A02V Download
File Size   191.01 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMZF20A02V Datasheet (PDF)

Go To PDF Page Download Datasheet
EMZF20A02V Datasheet PDF - Excelliance MOS Corp.

Part # EMZF20A02V
Download  EMZF20A02V Click to download

File Size   191.01 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMZF20A02V Datasheet (HTML) - Excelliance MOS Corp.


EMZF20A02V Product details

Product Summary:
   BVDSS 20V
   RDSON (MAX.) 20mΩ
   ID 6A

Pb‐Free Lead Plating & Halogen Free
ESD Protection




Similar Part No. - EMZF20A02V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMZF20R02W EXCELLIANCE-EMZF20R02W Datasheet
258Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - EMZF20A02V

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB11A03G EXCELLIANCE-EMB11A03G Datasheet
202Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB17A03H EXCELLIANCE-EMB17A03H Datasheet
218Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB21A03V EXCELLIANCE-EMB21A03V Datasheet
185Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB22A04G EXCELLIANCE-EMB22A04G Datasheet
194Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5A10G EXCELLIANCE-EMBA5A10G Datasheet
194Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBJ7A25V EXCELLIANCE-EMBJ7A25V Datasheet
182Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF14A02V EXCELLIANCE-EMF14A02V Datasheet
219Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30G02K EXCELLIANCE-EMF30G02K Datasheet
226Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF50A02VA EXCELLIANCE-EMF50A02VA Datasheet
201Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZF14A02V EXCELLIANCE-EMZF14A02V Datasheet
191Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com