Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMJ27C040 Datasheet (PDF) - Austin Semiconductor

SMJ27C040 Datasheet PDF - Austin Semiconductor
Part # SMJ27C040
Download  SMJ27C040 Download
File Size   115.06 Kbytes
Page   11 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description UV Erasable Programmable Read-Only Memory

SMJ27C040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMJ27C040 Datasheet PDF - Austin Semiconductor

Part # SMJ27C040
Download  SMJ27C040 Click to download

File Size   115.06 Kbytes
Page   11 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description UV Erasable Programmable Read-Only Memory

SMJ27C040 Datasheet (HTML) - Austin Semiconductor


SMJ27C040 Product details

GENERAL DESCRIPTION
The SMJ27C040 is a set of 4,194,304-bit, ultraviolet-light erasable, electrically programmable read-only memories (EPROMs).

FEATURES
• Organized 524,288 x 8
• Single +5V ±10% power supply
• Industry standard 32-pin dual-in-line package
• All inputs/outputs fully TTL compatible
• Static Operation (no clocks, no refresh)
• 8-bit output for use in microprocessor-based systems
• Power-saving CMOS technology
• 3-state output buffers
• 400-mV DC assured noise immunity with standarad TTL loads
• Latchup immunity of 250 mA on all input and output pins
• No pullup resistors required
• Low power dissipation (Vcc = 5.5V)
    - Active - 385 mW Worst Case
    - Standby - 0.55 mW Worst Case (CMOS-input levels)




Similar Part No. - SMJ27C040

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
UVEPROM
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
SMJ27C010A MICROSS-SMJ27C010A Datasheet
281Kb / 11P
Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
SMJ27C010A-12 AUSTIN-SMJ27C010A-12 Datasheet
142Kb / 11P
UVEPROM
SMJ27C010A-12JM AUSTIN-SMJ27C010A-12JM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results


Similar Description - SMJ27C040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
fujitsu semiconductor
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com