Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2020PT Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SR2020PT Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SR2020PT
Download  SR2020PT Download
File Size   98.59 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 20.0 AMPS. Schottky Barrier Rectifiers

SR2020PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR2020PT Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SR2020PT
Download  SR2020PT Click to download

File Size   98.59 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 20.0 AMPS. Schottky Barrier Rectifiers

SR2020PT Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SR2020PT Product details

Features

Dual rectifier construction, positive center-tap

Plastic package has Underwriters Laboratory Flammability Classifications 94V-0

Metal silicon junction, majority carrier conduction

Low power loss, high efficiency

High current capability, low VF

High surge capability

Epitaxial construction

For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications 

Guardring for transient protection

High temperature soldering guaranteed: 260oC/10seconds,0.17”(4.3mm)lead lengths at 5

lbs., (2.3kg) tension



Mechanical Data

Cases: JEDEC TO-3P/TO-247AD molded plastic 

Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026

Polarity: As marked

Mounting position: Any

Weight: 0.2 ounce, 5.6 grams




Similar Part No. - SR2020PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR2020PT TSC-SR2020PT Datasheet
218Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SR2020PT HORNBY-SR2020PT Datasheet
290Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SR2020PT TSC-SR2020PT_1 Datasheet
218Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - SR2020PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_10 Datasheet
593Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020_10 Datasheet
565Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com