Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4919 Datasheet (PDF) - ON Semiconductor

2N4919 Datasheet PDF - ON Semiconductor
Part # 2N4919
Download  2N4919 Download
File Size   113.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description GENERAL.PURPOSE POWER TRANSISTORS

2N4919 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4919 Datasheet PDF - ON Semiconductor

Part # 2N4919
Download  2N4919 Click to download

File Size   113.84 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description GENERAL.PURPOSE POWER TRANSISTORS

2N4919 Datasheet (HTML) - ON Semiconductor


2N4919 Product details

These medium−power, high−performance plastic devices are designed for driver circuits, switching, and amplifier applications.
   
Features
• Pb−Free Package is Available**
• Low Saturation Voltage − VCE(sat) = 0.6 Vdc (Max) @ IC = 1.0 A
• Excellent Power Dissipation Due to Thermopad Construction,
    PD = 30 W @ TC = 25°C
• Excellent Safe Operating Area
• Gain Specified to IC = 1.0 A
• Complement to NPN 2N4921, 2N4922, 2N4923
   




Similar Part No. - 2N4919

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4919 ONSEMI-2N4919 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Savantic, Inc.
2N4919 SAVANTIC-2N4919 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4919 ISC-2N4919 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
ON Semiconductor
2N4919 ONSEMI-2N4919 Datasheet
121Kb / 6P
Medium-Power Plastic PNP
July, 2004 ??Rev. 11
More results


Similar Description - 2N4919

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS
1995
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
POWER TRANSISTORS
1995
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
POWER TRANSISTORS
REV 3
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
TIP31C STMICROELECTRONICS-TIP31C_06 Datasheet
136Kb / 10P
Power transistors
20-Apr-2006
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
Power Transistors
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
Power Transistors
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com