Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3805BS Datasheet (PDF) - Pericom Semiconductor Corporation

PI49FCT3805BS Datasheet PDF - Pericom Semiconductor Corporation
Part # PI49FCT3805BS
Download  PI49FCT3805BS Download
File Size   431.59 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V Fast CMOS Buffer/Clock Driver

PI49FCT3805BS Datasheet (PDF)

Go To PDF Page Download Datasheet
PI49FCT3805BS Datasheet PDF - Pericom Semiconductor Corporation

Part # PI49FCT3805BS
Download  PI49FCT3805BS Click to download

File Size   431.59 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V Fast CMOS Buffer/Clock Driver

PI49FCT3805BS Datasheet (HTML) - Pericom Semiconductor Corporation


PI49FCT3805BS Product details

Product Description
Pericom Semiconductor’s PI49FCT series of logic circuits are produced using the Company’s advanced submicron CMOS technology, achieving industry leading speed grades.

Features
• 3.3V version of PI49FCT805/806
• Extremely low output skew: 0.5ns
• Monitor ouput pin
• Clock busing wih 3-state control
• TTL inpu and CMOS output compatible
• Industrial operation at– -40°C to 85°C
• Extremely low static power (1mW, typ.)
• Hysteresis on all inputs
• Packages available:
    - 20-pin 300-mil wide SOIC (S)
    - 20-pin 150-mil wide QSOP (Q)
    - 20-pin 209-mil wide SSOP (H)
• Device models available on request




Similar Part No. - PI49FCT3805BS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805BHE PERICOM-PI49FCT3805BHE Datasheet
514Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805BQE PERICOM-PI49FCT3805BQE Datasheet
514Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805BQEX DIODES-PI49FCT3805BQEX Datasheet
1Mb / 12P
3.3V Fast CMOS Buffer/Clock Driver
More results


Similar Description - PI49FCT3805BS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
3.3V Fast CMOS Buffer/Clock Driver
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
3.3V CMOS Buffer Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
3.3V CMOS Buffer Clock Driver
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
3.3V Fast CMOS Buffer/Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com