Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5302 Datasheet (PDF) - ON Semiconductor

2N5302 Datasheet PDF - ON Semiconductor
Part # 2N5302
Download  2N5302 Download
File Size   251.85 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS NPN SILICON

2N5302 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5302 Datasheet PDF - ON Semiconductor

Part # 2N5302
Download  2N5302 Click to download

File Size   251.85 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS NPN SILICON

2N5302 Datasheet (HTML) - ON Semiconductor


2N5302 Product details

High-Power NPN Silicon Transistors

. . . for use in power amplifier and switching circuits applications.

• High Collector–Emitter Sustaining Voltage —
    VCEO(sus) = 80 Vdc (Min) @ IC = 200 mAdc (2N5303)
• Low Collector–Emitter Saturation Voltage —
    VCE(sat) = 0.75 Vdc (Max) @ IC = 10 Adc (2N5301, 2N5302)
    1.0 Vdc (Max) @ IC = 10 Adc (2N5303)
• Excellent Safe Operating Area —
    200 Watt dc Power Rating to 30 Vdc (2N5303)
• Complements to PNP 2N4398, 2N4399 and 2N5745




Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Microsemi Corporation
2N5302 MICROSEMI-2N5302 Datasheet
68Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
120Kb / 8P
High-Power NPN Silicon Transistor
May, 2001 ??Rev. 0
logo
Seme LAB
2N5302 SEME-LAB-2N5302 Datasheet
11Kb / 1P
Bipolar NPN Device in a Bipolar NPN Device in a Metal Package.
More results


Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com