Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6028 Datasheet (PDF) - ON Semiconductor

2N6028 Datasheet PDF - ON Semiconductor
Part # 2N6028
Download  2N6028 Download
File Size   148.85 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Unijunction Transistor

2N6028 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6028 Datasheet PDF - ON Semiconductor

Part # 2N6028
Download  2N6028 Click to download

File Size   148.85 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Unijunction Transistor

2N6028 Datasheet (HTML) - ON Semiconductor


2N6028 Product details

Programmable Unijunction Transistor
Programmable Unijunction Transistor Triggers

Designed to enable the engineer to “program’’ unijunction characteristics such as RBB, η, IV, and IP by merely selecting two resistor values. Application includes thyristor−trigger, oscillator, pulse and timing circuits. These devices may also be used in special thyristor applications due to the availability of an anode gate. Supplied in an inexpensive TO−92 plastic package for high−volume requirements, this package is readily adaptable for use in automatic insertion equipment.

Features
• Programmable − RBB, η, IV and IP
• Low On−State Voltage − 1.5 V Maximum @ IF = 50 mA
• Low Gate to Anode Leakage Current − 10 nA Maximum
• High Peak Output Voltage − 11 V Typical
• Low Offset Voltage − 0.35 V Typical (RG = 10 kΩ)
• Pb−Free Packages are Available*




Similar Part No. - 2N6028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6028 ETC-2N6028 Datasheet
177Kb / 6P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
2N6028 CENTRAL-2N6028 Datasheet
177Kb / 4P
MU4893
logo
ON Semiconductor
2N6028 ONSEMI-2N6028 Datasheet
77Kb / 6P
Programmable Unijunction Transistor
May, 2006 ??Rev.6
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
140Kb / 1P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
More results


Similar Description - 2N6028

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
Programmable unijunction transistor
1999 May 31
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
Programmable unijunction transistor
1999 Apr 27
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
Programmable Unijunction Transistor
logo
ON Semiconductor
2N6027 ONSEMI-2N6027_06 Datasheet
77Kb / 6P
Programmable Unijunction Transistor
May, 2006 ??Rev.6
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
Programmable unijunction transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com