Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1219DBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX1219DBVR Datasheet PDF - Texas Instruments
Part # TMUX1219DBVR
Download  TMUX1219DBVR Download
File Size   1166.68 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description 5-V Bidirectional, 2:1 General Purpose Switch

TMUX1219DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX1219DBVR Datasheet PDF - Texas Instruments

Part # TMUX1219DBVR
Download  TMUX1219DBVR Click to download

File Size   1166.68 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description 5-V Bidirectional, 2:1 General Purpose Switch

TMUX1219DBVR Datasheet (HTML) - Texas Instruments




Similar Part No. - TMUX1219DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1219DBVR TI2-TMUX1219DBVR Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
TMUX1219DBVR.A TI2-TMUX1219DBVR.A Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
TMUX1219DBVRG4 TI2-TMUX1219DBVRG4 Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
TMUX1219DBVRG4.A TI2-TMUX1219DBVRG4.A Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
TMUX1219DBVRQ1 TI1-TMUX1219DBVRQ1 Datasheet
1Mb / 29P
SN4599-Q1 Automotive 5V, 2:1 (SPDT), 1-Channel Analog Switch
REVISED JULY 2024
More results


Similar Description - TMUX1219DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
KOA Speer Electronics, ...
RK73B KOA-RK73B Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1204 TI1-TMUX1204 Datasheet
1Mb / 31P
5-V, 4:1, General Purpose Analog Multiplexer
TMUX1247 TI1-TMUX1247 Datasheet
1Mb / 31P
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
TMUX1204 TI1-TMUX1204_V01 Datasheet
1Mb / 35P
TMUX1204 5-V, 4:1, General Purpose Analog Multiplexer
TMUX1237 TI1-TMUX1237 Datasheet
1Mb / 31P
TMUX1237 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com