Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8380 Datasheet (PDF) - PMC-Sierra, Inc

PM8380 Datasheet PDF - PMC-Sierra, Inc
Part # PM8380
Download  PM8380 Download
File Size   154.29 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC

PM8380 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8380 Datasheet PDF - PMC-Sierra, Inc

Part # PM8380
Download  PM8380 Click to download

File Size   154.29 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC

PM8380 Datasheet (HTML) - PMC-Sierra, Inc


PM8380 Product details

FEATURES

GENERAL - SATA AND SAS

• Four bi-directional 2:1 SATA or SAS multiplexer/demultiplexer.

• Compliant with SAS Internal and External specification.

• SATA Gen1i, Gen1x, Gen2i, Gen2x compliant.

• In the downstream direction, the QuadSMX 3G demuxes the initiator-side receive ports to either the A or B device-side transmit ports.

• In the upstream direction, the QuadSMX 3G selects either the A or B device-side receive port to output on the initiator-side transmit ports.

• Passes-thru out-of-band (OOB) signaling.

• Internal OOB detectors for COMSAS, COMRESET/COMINIT and COMWAKE.

• Provides port reordering to support standard SATA/SAS 4 channel connectors and easier PCB routing.



GENERAL - ETHERNET AND FIBRE CHANNEL

• Four channel bi-directional Gigabit Ethernet and 10 Gigabit Ethernet (XAUI) link extender and 2:1 serial multiplexer/demultiplexer.

• Four channel bi-directional 1G,2G and 10G Fibre Channel link extender and 2:1 serial multiplexer/demultiplexer

• Provides transmit redundancy for Ethernet and Fibre Channel Switch Applications. In this case,data is broadcast to both Port A and Port B.



HIGH-SPEED I/O

• 1.0 Gbit/s to 3.2 Gbit/s operation.

• Automatic amplitude control for SATA and SAS applications.

• Programmable receive equalization, transmit preemphasis and transmit output swing.

• Integrated resistive termination and receive AC coupling.

• Analog interfaces support SATA and SAS hot plug.



APPLICATIONS

• Host Bus Adapter.

• RAID controller.

• Ethernet (1GE and 10 GE XAUI) and Fibre Channel (1,2 and 10 GFC) link extender.

• Ethernet (1GE and 10 GE XAUI) and Fibre Channel (1,2 and 10 GFC) mux/demux.

• PCI Express, PCI Advanced Switching, ATCA, serial RapidIO, Infiniband, and HDTV link extender and mux/demux.




Similar Part No. - PM8380

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
PM8300 KNIGHTSBRIDGE-PM8300 Datasheet
162Kb / 1P
10AX 2-way Pull Cord Switch [Part M Compliant]
28/03/2024
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
ML Accessories Limited....
PM8310N KNIGHTSBRIDGE-PM8310N Datasheet
154Kb / 1P
50A DP Pull Cord Switch with Neon and Mechanical On/Off [Part M Compliant]
28/03/2024
logo
PMC-Sierra, Inc
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
More results


Similar Description - PM8380

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
ON Semiconductor
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L_11 Datasheet
306Kb / 10P
1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
Integrated Device Techn...
89HP0604SB IDT-89HP0604SB Datasheet
565Kb / 22P
4 Channel 6Gbps SAS/SATA Signal Repeater
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4952AEVKIT MAXIM-MAX4952AEVKIT Datasheet
709Kb / 10P
Application Circuit with SAS and SATA Input/ Output
Rev 0; 8/09
MAX14986EVKIT MAXIM-MAX14986EVKIT Datasheet
642Kb / 13P
Application Circuit with SAS and SATA Input/Output
Rev 0; 11/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com