Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6277 Datasheet (PDF) - ON Semiconductor

2N6277 Datasheet PDF - ON Semiconductor
Part # 2N6277
Download  2N6277 Download
File Size   169.38 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS NPN SILICON

2N6277 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6277 Datasheet PDF - ON Semiconductor

Part # 2N6277
Download  2N6277 Click to download

File Size   169.38 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS NPN SILICON

2N6277 Datasheet (HTML) - ON Semiconductor


2N6277 Product details

High-Power NPN Silicon Transistors
   
. . . designed for use in industrial–military power amplifier and switching circuit applications.
   
• High Collector Emitter Sustaining —
                  VCEO(sus) = 100 Vdc (Min) — 2N6274
                                      = 120 Vdc (Min) — 2N6275
                                      = 150 Vdc (Min) — 2N6277
• High DC Current Gain —
                   hFE = 30–120 @ IC = 20 Adc
                           = 10 (Min) @ IC = 50 Adc
• Low Collector–Emitter Saturation Voltage —
                   VCE(sat) = 1.0 Vdc (Max) @ IC = 20 Adc
• Fast Switching Times @ IC 20 Adc
                    tr = 0.35 ms (Max)
                    ts = 0.8 ms (Max)
                    tf = 0.25 ms (Max)
• Complement to 2N6377–79
   




Similar Part No. - 2N6277

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6277 MICROSEMI-2N6277 Datasheet
64Kb / 2P
PNP POWER SILICON TRANSISTOR
2N6277 MICROSEMI-2N6277 Datasheet
125Kb / 3P
NPN POWER SILICON TRANSISTOR
logo
Seme LAB
2N6277 SEME-LAB-2N6277 Datasheet
202Kb / 3P
SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6277 NJSEMI-2N6277 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
2N6277 NJSEMI-2N6277 Datasheet
191Kb / 1P
NPN POWER TRANSISTORS
More results


Similar Description - 2N6277

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com