Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2850ITK Datasheet (PDF) - Maxim Integrated Products

MAX2850ITK Datasheet PDF - Maxim Integrated Products
Part # MAX2850ITK
Download  MAX2850ITK Download
File Size   3313.4 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5GHz, 4-Channel MIMO Transmitter

MAX2850ITK Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2850ITK Datasheet PDF - Maxim Integrated Products

Part # MAX2850ITK
Download  MAX2850ITK Click to download

File Size   3313.4 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5GHz, 4-Channel MIMO Transmitter

MAX2850ITK Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX2850ITK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2850 MAXIM-MAX2850 Datasheet
3Mb / 26P
4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
More results


Similar Description - MAX2850ITK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2172ETL MAXIM-MAX2172ETL Datasheet
4Mb / 38P
5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
logo
Laird Tech Smart Techno...
VLQ69273X21G LSTD-VLQ69273X21G Datasheet
591Kb / 2P
Vehicular 4-Port MIMO Antenna
VLQ69273X22N LSTD-VLQ69273X22N Datasheet
588Kb / 1P
Vehicular 4-Port MIMO Antenna
VLQ24593XN4N LSTD-VLQ24593XN4N Datasheet
1Mb / 2P
Vehicular 4-Port MIMO Antenna
logo
Maxim Integrated Produc...
MAX2851 MAXIM-MAX2851 Datasheet
3Mb / 37P
5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-18A COMPEX-WLE650V5-18A Datasheet
871Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-25A COMPEX-WLE650V5-25A Datasheet
1,009Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com