Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5312 Datasheet (PDF) - Maxim Integrated Products

MAX5312 Datasheet PDF - Maxim Integrated Products
Part # MAX5312
Download  MAX5312 Download
File Size   348.5 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX5312 Evaluation Kit

MAX5312 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5312 Datasheet PDF - Maxim Integrated Products

Part # MAX5312
Download  MAX5312 Click to download

File Size   348.5 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX5312 Evaluation Kit

MAX5312 Datasheet (HTML) - Maxim Integrated Products


MAX5312 Product details

General Description
The MAX5312 evaluation kit (EV kit) provides a proven design to evaluate the MAX5312 ±10V, 12-bit, serial voltage-output digital-to-analog converter (DAC). The EV kit also includes Windows 2000/XP/Vista® (32-bit)-compatible software that provides a simple graphical user interface (GUI) for exercising the features of the MAX5312. The MAX5312 EV kit printed-circuit board (PCB) comes with a MAX5312EAE+ installed.

Features
♦ Evaluates ±10V or 0 to +10V Full-Scale OutputVoltage Swing
♦ On-Board USB Interface Circuit for SPI™-
   Compatible Signals
♦ USB-PC Connection (Cable Included)
♦ On-Board Pads for User-Supplied SPI-Compatible
   Signals
♦ Proven PCB Layout
♦ Evaluates the MAX5312EAE+ in a 16-Pin SSOP
   Package
♦ Windows 2000/XP/Vista (32-Bit)-Compatible
   Software
♦ Fully Assembled and Tested
♦ Lead-Free and RoHS-Compliant




Similar Part No. - MAX5312

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312EAE MAXIM-MAX5312EAE Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
More results


Similar Description - MAX5312

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com