Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3212C Datasheet (PDF) - STMicroelectronics

UPSD3212C Datasheet PDF - STMicroelectronics
Part # UPSD3212C
Download  UPSD3212C Download
File Size   2844.62 Kbytes
Page   163 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic

UPSD3212C Datasheet (PDF)

Go To PDF Page Download Datasheet
UPSD3212C Datasheet PDF - STMicroelectronics

Part # UPSD3212C
Download  UPSD3212C Click to download

File Size   2844.62 Kbytes
Page   163 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic

UPSD3212C Datasheet (HTML) - STMicroelectronics


UPSD3212C Product details

SUMMARY DESCRIPTION
The uPSD321x Series combines a fast 8051-based microcontroller with a flexible memory structure, programmable logic, and a rich peripheral mix including USB, to form an ideal embedded controller. At its core is an industry-standard 8032 MCU operating up to 40MHz.

FEATURES SUMMARY
■ FAST 8-BIT 8032 MCU
   – 40MHz at 5.0V, 24MHz at 3.3V
   – Core, 12-clocks per instruction
■ DUAL FLASH MEMORIES WITH MEMORY
   MANAGEMENT
   – Place either memory into 8032 program
      address space or data address space
   – READ-while-WRITE operation for In-Application Programming and EEPROM
      emulation
   – Single voltage program and erase
   – 100K minimum erase cycles, 15-year
      retention
■ CLOCK, RESET, AND SUPPLY
   MANAGEMENT
   – SRAM is Battery Backup capable
   – Normal, Idle, and Power Down Modes
   – Power-on and Low Voltage reset
      supervisor
   – Programmable Watchdog Timer
■ PROGRAMMABLE LOGIC, GENERAL
   PURPOSE
   – 16 macrocells
   – Implements state machines, glue-logic,
      and so forth
■ COMMUNICATION INTERFACES
   – I2C Master/Slave bus controller
   – Two UARTs with independent baud rate
   – Six I/O ports with up to 46 I/O pins
   – 8032 Address/Data bus available on
      TQFP80 package
   – 5 PWM outputs, 8-bit resolution
   – USB v1.1, low-speed 1.5Mbps, 3
      endpoints (uPSD3212A only)
      Figure 1. Packages
■ JTAG IN-SYSTEM PROGRAMMING
   – Program the entire device in as little as
      10 seconds
■ A/D CONVERTER
   – Four channels, 8-bit resolution, 10µs
■ TIMERS AND INTERRUPTS
   – Three 8032 standard 16-bit timers
   – 10 Interrupt sources with two external
      interrupt pins
■ Single Supply Voltage
   – 4.5 to 5.5V
   – 3.0 to 3.6V




Similar Part No. - UPSD3212C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3212C-24T1T STMICROELECTRONICS-UPSD3212C-24T1T Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3212C-24T6T STMICROELECTRONICS-UPSD3212C-24T6T Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3212C-24U1T STMICROELECTRONICS-UPSD3212C-24U1T Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3212C-24U6T STMICROELECTRONICS-UPSD3212C-24U6T Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
More results


Similar Description - UPSD3212C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
Flash Programmable System Devices with 8032 Microcontroller Core
Nov-2004
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
27-Nov-2002
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
8032 MCU with USB and Programmable Logic
Nov-2004
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
fast 8032 MCU with programmable logic
01-Jul-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com