Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45048 Datasheet (PDF) - Analog Devices

AD45048 Datasheet PDF - Analog Devices
Part # AD45048
Download  AD45048 Download
File Size   153.73 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail Upstream ADSL Line Driver

AD45048 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD45048 Datasheet PDF - Analog Devices

Part # AD45048
Download  AD45048 Click to download

File Size   153.73 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail Upstream ADSL Line Driver

AD45048 Datasheet (HTML) - Analog Devices


AD45048 Product details

GENERAL DESCRIPTION

The AD45048 ADSL CPE line driver is a dual operational amplifier capable of driving high output current (230 mA); it features a rail-to-rail output stage that swings to within 0.5 V of the supply rails. The AD45048 rail-to-rail output stage surpasses the output voltage capability of typical emitter follower output stages and can deliver up to 23 V p-p differentially from a single 12 V supply in ADSL CPE line driving applications.



FEATURES

Dual op amp

Voltage feedback

Wide supply range: from 3.3 V to 24 V

Rail-to-rail output

  Output swing to within 0.5 V of supply rails @ 230 mA

  23 V p-p differential, RLOADof 50 Ω from 12 V supply

High output current

Linear output current of 230 mA peak into 25 Ω

  −68 dBc MTPR @ 15 dBm (100 Ω telephone line)

Low noise

  4.5 nV/√Hz voltage noise density @ 100 kHz

  1.5 pA/√Hz current noise density @ 100 kHz

High speed

  65 MHz bandwidth (AV= 1, −3 dB)

  55 V/μs slew rate (RLOAD= 25 Ω)



APPLICATIONS

Consumer xDSL modems

Twisted pair line drivers

ADSL CPE applications(Drop in replacement for TS613ID and EL1519CS)

Audio applications




Similar Part No. - AD45048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results


Similar Description - AD45048

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
August 8, 2005
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
March 15, 2007
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
April 19, 2007
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
8MHz Rail-to-Rail Composite Video Driver
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
13MHz Rail-to-Rail Composite Video Driver
logo
Linear Technology
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
Rail-to-Rail SAR ADC Driver Amplifier
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com