Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6490 Datasheet (PDF) - ON Semiconductor

2N6490 Datasheet PDF - ON Semiconductor
Part # 2N6490
Download  2N6490 Download
File Size   151.26 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description COMPLEMENTARY SILICON POWER TRANSISTORS

2N6490 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6490 Datasheet PDF - ON Semiconductor

Part # 2N6490
Download  2N6490 Click to download

File Size   151.26 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description COMPLEMENTARY SILICON POWER TRANSISTORS

2N6490 Datasheet (HTML) - ON Semiconductor


2N6490 Product details

These devices are designed for use in general−purpose amplifier and switching applications.

Features
• DC Current Gain Specified to 15 Amperes −
      hFE = 20−150 @ IC = 5.0 Adc
              = 5.0 (Min) @ IC = 15 Adc
• Collector−Emitter Sustaining Voltage −
      VCEO(sus) = 60 Vdc (Min) − 2N6487, 2N6490
                         = 80 Vdc (Min) − 2N6488, 2N6491
• High Current Gain − Bandwidth Product
      fT= 5.0 MHz (Min) @ IC = 1.0 Adc
• TO−220AB Compact Package
• Pb−Free Packages are Available*




Similar Part No. - 2N6490

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6490 MOSPEC-2N6490 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
logo
STMicroelectronics
2N6490 STMICROELECTRONICS-2N6490 Datasheet
52Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Apr-1999
logo
Boca Semiconductor Corp...
2N6490 BOCA-2N6490 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6490 CENTRAL-2N6490 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6490 ONSEMI-2N6490 Datasheet
64Kb / 8P
Complementary Silicon Plastic Power Transistors
April, 2002 ??Rev. 10
More results


Similar Description - 2N6490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com