Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6667 Datasheet (PDF) - ON Semiconductor

2N6667 Datasheet PDF - ON Semiconductor
Part # 2N6667
Download  2N6667 Download
File Size   168.05 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON POWER TRANSISTORS(PNP SILICON )

2N6667 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6667 Datasheet PDF - ON Semiconductor

Part # 2N6667
Download  2N6667 Click to download

File Size   168.05 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON POWER TRANSISTORS(PNP SILICON )

2N6667 Datasheet (HTML) - ON Semiconductor


2N6667 Product details

Darlington Silicon Power Transistors



Designed for general−purpose amplifier and low speed switching applications.



• High DC Current Gain −

   hFE = 3500 (Typ) @ IC = 4.0 Adc

• Collector−Emitter Sustaining Voltage − @ 200 mAdc

   VCEO(sus) = 60 Vdc (Min) − 2N6667

                      = 80 Vdc (Min) − 2N6668

• Low Collector−Emitter Saturation Voltage −

   VCE(sat) = 2.0 Vdc (Max)@ IC = 5.0 Adc

• Monolithic Construction with Built−In Base−Emitter Shunt Resistors

• TO−220AB Compact Package

• Complementary to 2N6387, 2N6388

• These Devices are Pb−Free and are RoHS Compliant*



 




Similar Part No. - 2N6667

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6667 MOSPEC-2N6667 Datasheet
151Kb / 3P
POWER TRANSISTORS(65W)
logo
Boca Semiconductor Corp...
2N6667 BOCA-2N6667 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6667 CENTRAL-2N6667 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
76Kb / 8P
Darlington Silicon Power Transistors
April, 2002 ??Rev. 4
2N6667 ONSEMI-2N6667 Datasheet
80Kb / 6P
Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60??0 V, 65 W
June, 2005 ??Rev. 5
More results


Similar Description - 2N6667

ManufacturerPart #DatasheetDescription
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB1559 SAVANTIC-2SB1559 Datasheet
173Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com