Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBCP-47HY821B Datasheet (PDF) - Kemet Corporation

SBCP-47HY821B Datasheet PDF - Kemet Corporation
Part # SBCP-47HY821B
Download  SBCP-47HY821B Download
File Size   86.59 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SBCP-47HY, Power, 820 uH, 10%, 2.5mm

SBCP-47HY821B Datasheet (PDF)

Go To PDF Page Download Datasheet
SBCP-47HY821B Datasheet PDF - Kemet Corporation

Part # SBCP-47HY821B
Download  SBCP-47HY821B Click to download

File Size   86.59 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SBCP-47HY, Power, 820 uH, 10%, 2.5mm

SBCP-47HY821B Datasheet (HTML) - Kemet Corporation




Similar Part No. - SBCP-47HY821B

ManufacturerPart #DatasheetDescription
logo
NEC
SBCP-47HY821B NEC-SBCP-47HY821B Datasheet
2Mb / 104P
Power Inductors
More results


Similar Description - SBCP-47HY821B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBCP-47HY152B KEMET-SBCP-47HY152B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 1500 uH, 10%, 2.5mm
SBCP-47HY221B KEMET-SBCP-47HY221B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 220 uH, 10%, 2.5mm
SBCP-47HY391B KEMET-SBCP-47HY391B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 390 uH, 10%, 2.5mm
SBCP-47HY100B KEMET-SBCP-47HY100B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 10 uH, 20%, 2.5mm
SBCP-47HY820B KEMET-SBCP-47HY820B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 82 uH, 10%, 2.5mm
SBCP-47HY331B KEMET-SBCP-47HY331B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 330 uH, 10%, 2.5mm
SBCP-47HY121B KEMET-SBCP-47HY121B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 120 uH, 10%, 2.5mm
SBCP-47HY681B KEMET-SBCP-47HY681B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 680 uH, 10%, 2.5mm
SBCP-47HY680B KEMET-SBCP-47HY680B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 68 uH, 10%, 2.5mm
SBCP-47HY151B KEMET-SBCP-47HY151B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 150 uH, 10%, 2.5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com