Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT73L03 Datasheet (PDF) - Exar Corporation

XRT73L03 Datasheet PDF - Exar Corporation
Part # XRT73L03
Download  XRT73L03 Download
File Size   716.86 Kbytes
Page   62 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT

XRT73L03 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT73L03 Datasheet PDF - Exar Corporation

Part # XRT73L03
Download  XRT73L03 Click to download

File Size   716.86 Kbytes
Page   62 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT

XRT73L03 Datasheet (HTML) - Exar Corporation


XRT73L03 Product details

GENERAL DESCRIPTION

The XRT73L03 is a 3-Channel, E3/DS3/STS-1 Line Interface Unit designed for E3, DS3 or SONET STS-1 applications and consists of three independent line transmitters and receivers integrated on a single chip.

Each channel of the XRT73L03 can be configured to support the E3 (34.368 Mbps), DS3 (44.736 Mbps) or the SONET STS-1 (51.84 Mbps) rates. Each channel can be configured to operate in a mode/data rate that is independent of the other channels.



FEATURES

• Meets E3/DS3/STS-1 Jitter Tolerance Requirements

• Full Loop-Back Capability

• Transmit and Receive Power Down Modes

• Full Redundancy Support

• Contains a 4-Wire Microprocessor Serial Interface

• Uses Minimum External components

• Single +3.3V Power Supply

• 5V tolerant I/O

• -40°C to +85°C Operating Temperature Range

• Available in a Thermally Enhanced 120 pin TQFP package



APPLICATIONS

• Digital Cross Connect Systems

• CSU/DSU Equipment

• Routers

• Fiber Optic Terminals

• Multiplexers

• ATM Switches



 




Similar Part No. - XRT73L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03AIV EXAR-XRT73L03AIV Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03BIV EXAR-XRT73L03BIV Datasheet
667Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Similar Description - XRT73L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-BRF-001-A MA-COM-28333-BRF-001-A Datasheet
120Kb / 4P
DS3/E3/STS-1 Line lnterface Unit
28333-BRF-001-A MA-COM-28333-BRF-001-A_15 Datasheet
120Kb / 4P
DS3/E3/STS-1 Line lnterface Unit
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com