Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM9005E Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

RM9005E Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Part # RM9005E
Download  RM9005E Download
File Size   206.75 Kbytes
Page   2 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description High-voltage linear E27/220V/4W thyristor dimming lamp lamp solution

RM9005E Datasheet (PDF)

Go To PDF Page Download Datasheet
RM9005E Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.

Part # RM9005E
Download  RM9005E Click to download

File Size   206.75 Kbytes
Page   2 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description High-voltage linear E27/220V/4W thyristor dimming lamp lamp solution

RM9005E Datasheet (HTML) - Shaanxi Reactor Microelectronics Co., Ltd.




Similar Part No. - RM9005E

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9005B REACTOR-RM9005B Datasheet
241Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005B REACTOR-RM9005B Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9005B_4W REACTOR-RM9005B_4W Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9005C REACTOR-RM9005C Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9005D REACTOR-RM9005D Datasheet
245Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
More results


Similar Description - RM9005E

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9005B_4W REACTOR-RM9005B_4W Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9005C REACTOR-RM9005C Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9005D_E12 REACTOR-RM9005D_E12 Datasheet
164Kb / 2P
High-voltage linear E12/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E14 REACTOR-RM9005D_E14 Datasheet
186Kb / 2P
High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E27 REACTOR-RM9005D_E27 Datasheet
177Kb / 2P
High-voltage linear E27/120V/ 4W thyristor dimming filament lamp solution
RM9006A REACTOR-RM9006A Datasheet
221Kb / 2P
High-voltage linear E27/220V/6W dual-segment IC dimming filament lamp solution
RM9036B REACTOR-RM9036B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
RM9003S REACTOR-RM9003S_1 Datasheet
164Kb / 2P
High-voltage linear E14/220V/4W/13mA filament lamp solution
RM9003T REACTOR-RM9003T_5 Datasheet
168Kb / 2P
High-voltage linear E27/120V/ 4W/25mA filament lamp solution
RM9003T REACTOR-RM9003T_8 Datasheet
169Kb / 2P
High-voltage linear 220V/12W bulb lamp solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com