Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM1N50 Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

RM1N50 Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Part # RM1N50
Download  RM1N50 Download
File Size   214.26 Kbytes
Page   2 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description High voltage linear 120/220V 10W full voltage bulb lamp solution

RM1N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM1N50 Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.

Part # RM1N50
Download  RM1N50 Click to download

File Size   214.26 Kbytes
Page   2 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description High voltage linear 120/220V 10W full voltage bulb lamp solution

RM1N50 Datasheet (HTML) - Shaanxi Reactor Microelectronics Co., Ltd.




Similar Part No. - RM1N50

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM1N50 REACTOR-RM1N50 Datasheet
200Kb / 2P
High voltage linear 120/220V 6W full voltage filament lamp solution
RM1N50 REACTOR-RM1N50 Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
More results


Similar Description - RM1N50

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9001A_10W REACTOR-RM9001A_10W Datasheet
201Kb / 2P
High-voltage linear 220V/10W bulb lamp solution
RM9003E REACTOR-RM9003E Datasheet
222Kb / 2P
High-voltage linear 220V/15W bulb lamp solution
RM9026A REACTOR-RM9026A Datasheet
200Kb / 2P
High voltage linear 120/220V 6W full voltage filament lamp solution
RM9026A_50W REACTOR-RM9026A_50W Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
RM9001D REACTOR-RM9001D Datasheet
436Kb / 2P
High-voltage linear 220V/10W flood light solution
RM9003S REACTOR-RM9003S Datasheet
181Kb / 2P
High-voltage linear 220V/3W bulb lamp solution
RM9003S REACTOR-RM9003S_3 Datasheet
186Kb / 2P
High-voltage linear 220V/5W bulb lamp solution
RM9003T REACTOR-RM9003T Datasheet
163Kb / 2P
High-voltage linear 220V/9W bulb lamp solution
RM9003T REACTOR-RM9003T_7 Datasheet
185Kb / 2P
High-voltage linear 220V/7W bulb lamp solution
RM9003T REACTOR-RM9003T_8 Datasheet
169Kb / 2P
High-voltage linear 220V/12W bulb lamp solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com