Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2872B Datasheet (PDF) - New Japan Radio

NJM2872B Datasheet PDF - New Japan Radio
Part # NJM2872B
Download  NJM2872B Download
File Size   180.45 Kbytes
Page   9 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Dropout Voltage Regulator

NJM2872B Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2872B Datasheet PDF - New Japan Radio

Part # NJM2872B
Download  NJM2872B Click to download

File Size   180.45 Kbytes
Page   9 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Dropout Voltage Regulator

NJM2872B Datasheet (HTML) - New Japan Radio


NJM2872B Product details

GENERAL DESCRIPTION

The NJM2871B/72B are low dropout voltage regulator designed for cellular phone applications. Advanced Bipolar technology achieves low noise, high ripple rejection and low quiescent current.



FEATURES

High Ripple Rejection 75dB typ. (f=1kHz Vo=3V version)

Output Noise Voltage Vno=30µVrms typ. (Cp=0.01µF)

Output capacitor with 1.0uF ceramic capacitor(Vo≥2.7V: Version)

Output Current Io(max.)=150mA

High Precision Output Vo ±1.0%

Low Dropout Voltage 0.10V typ. (Io=60mA)

Input Voltage Range +2.3 ∼ +14V(Vo≤2.0V version)

ON/OFF Control (Active High)

Internal Short Circuit Current Limit

Internal Thermal Overload Protection

Bipolar Technology

Package Outline SOT-23-5 (MTP5)




Similar Part No. - NJM2872B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2872BF NISSHINBO-NJM2872BF Datasheet
184Kb / 10P
Low Dropout Voltage Regulator
Ver.2006-02-20
More results


Similar Description - NJM2872B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com