Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168112 Datasheet (PDF) - NEC

UPD168112 Datasheet PDF - NEC
Part # UPD168112
Download  UPD168112 Download
File Size   155.4 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING

UPD168112 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168112 Datasheet PDF - NEC

Part # UPD168112
Download  UPD168112 Click to download

File Size   155.4 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING

UPD168112 Datasheet (HTML) - NEC


UPD168112 Product details

DESCRIPTION
The µPD168112 is a monolithic 6-channel H-bridge driver that consists of a CMOS controller and a MOS output stage. Compared with existing drivers that use bipolar transistors, this H-bridge driver can lower the current consumption and voltage loss at the output stage thanks to employment of a MOS process. This product employs a P-channel MOSFET on the high side of the output stage, eliminating the need for a charge pump, so that the circuit current consumption can be substantially reduced during operation.
In the µPD168112 driving a stepper motor, DC motor, or coil can be selected by serial control, making this product ideal for driving the motor of a digital still camera.

FEATURES
• Six H-bridge circuits using power MOSFET
• Motor control using serial data (6 bytes of 8-bit configuration)
    Data is input MSB first.
    Pulse cycle, number of pulses, and output current value can be set.
• Input logic frequency: 6 MHz MAX.
• 3 V power supply
    Minimum operating power supply voltage: VDD = 2.7 V
• Undervoltage lockout circuit
    Shuts down the internal circuit at VDD = 1.7 V TYP.
• 48-pin WQFN




Similar Part No. - UPD168112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168112 RENESAS-UPD168112 Datasheet
310Kb / 30P
MOS INTEGRATED CIRCUIT
2003
UPD168112K9-5B4-A RENESAS-UPD168112K9-5B4-A Datasheet
310Kb / 30P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
May-2000
logo
NEC
UPD168110 NEC-UPD168110 Datasheet
200Kb / 18P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168111A NEC-UPD168111A Datasheet
208Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
Lens Motor Driver for Digital Still Camera
logo
NEC
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Sanyo Semicon Device
LV8483CS SANYO-LV8483CS Datasheet
157Kb / 9P
For Camera Modules Composite Channel Lens Driver
logo
Vishay Siliconix
SIP42104 VISHAY-SIP42104 Datasheet
522Kb / 11P
H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
04-Feb-08
logo
STMicroelectronics
VNHD7008AY STMICROELECTRONICS-VNHD7008AY Datasheet
1Mb / 44P
H-bridge motor driver for automotive DC motor driving
01-Apr-2020
logo
Vishay Siliconix
SIP42104 VISHAY-SIP42104_V01 Datasheet
615Kb / 11P
H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
04-Feb-08
logo
STMicroelectronics
VNHD7012AY STMICROELECTRONICS-VNHD7012AY Datasheet
1Mb / 43P
H-bridge motor driver for automotive DC motor driving
10-Mar-2021
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com