Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA4863 Datasheet (PDF) - Anpec Electronics Coropration

APA4863 Datasheet PDF - Anpec Electronics Coropration
Part # APA4863
Download  APA4863 Download
File Size   161.97 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.2W Audio Power Amplifier

APA4863 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA4863 Datasheet PDF - Anpec Electronics Coropration

Part # APA4863
Download  APA4863 Click to download

File Size   161.97 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2.2W Audio Power Amplifier

APA4863 Datasheet (HTML) - Anpec Electronics Coropration


APA4863 Product details

General  Description

The APA4863 is a stereo bridge-tied audio power amplifier in various power packages, including SOP, TSSOP, and TSSOP-P. When connecting to a 5V voltage supply, the APA4863 is capable of delivering 2.2W/1.8W/1.2W of continuous RMS power per channel into  3W/4 W/8 W bridge-tied loads with less than 1% THD+N respectively. When APA4863 operates in the single-ended load, it is capable of delivering 90mW of continuous RMS power per channel into 32W load. The APA4863 simplifies design and frees up board space for other features.



Features

•   Depop Circuitry Integrated

• Thermal Shutdown Circuitry Integrated

• Bridge-Tied  Load  (BTL)  or  Single-Ended (SE)  Modes  Operation

• Output  Power  at  1%  THD+N,  VDD=5V

-  2.2W/Ch (T yp.) into a 3W Load

-  1.8W/Ch (T yp.) into a 4W Load

-  1.2 W/Ch (T yp.) into a 8W Load

• Shutdown Control  Mode, ISD=  0.5  µA

• Output  Power  (SE)  at  0.5%  THD+N,  VDD=5V

-  90mW/Ch (T yp.) into a 32W Load

• Various Power Packages  Available SOP-16, TSSOP-20, and TSSOP-20P

• Lead Free  and  Green  Devices  Available (RoHS  Compliant)




Similar Part No. - APA4863

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
APA4863KI-TRG ANPEC-APA4863KI-TRG Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
APA4863OI-TRG ANPEC-APA4863OI-TRG Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
APA4863RI-TRG ANPEC-APA4863RI-TRG Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
More results


Similar Description - APA4863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
2.2W Stereo Audio Amplifier
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com