Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3885 Datasheet (PDF) - Renesas Technology Corp

M3885 Datasheet PDF - Renesas Technology Corp
Part # M3885
Download  M3885 Download
File Size   1580.78 Kbytes
Page   103 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M3885 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3885 Datasheet PDF - Renesas Technology Corp

Part # M3885
Download  M3885 Click to download

File Size   1580.78 Kbytes
Page   103 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M3885 Datasheet (HTML) - Renesas Technology Corp


M3885 Product details

GENERAL DESCRIPTION
The 3885 group is the 8-bit microcomputer based on the 740 family core technology.
The 3885 group is designed for Keyboard Controller for the note book PC.
The multi-master I2C-bus interface can be added by option.

FEATURES
<Microcomputer mode>
● Basic machine-language instructions ...................................... 71
● Minimum instruction execution time .................................. 0.5 µs
   (at 8 MHz oscillation frequency)
● Memory size
   ROM ................................................................. 32K to 60K bytes
   RAM ............................................................... 1024 to 2048 bytes
● Programmable input/output ports ............................................ 72
● Software pull-up transistors ....................................................... 8
● Interrupts ................................................. 22 sources, 16 vectors
● Timers ............................................................................. 8-bit ✕ 4
● Watchdog timer ............................................................ 16-bit ✕ 1
● PWM output .................................................................. 14-bit ✕ 2
● Serial I/O....................... 8-bit ✕ 1(UART or Clock-synchronized)
● Multi-master I2C bus interface (option) ........................ 1 channel
● LPC interface .............................................................. 2 channels
● Serialized IRQ .................................................................. 3 factor
● A-D converter ............................................... 10-bit ✕ 8 channels
● D-A converter ................................................. 8-bit ✕ 2 channels
● Comparator circuit ...................................................... 8 channels
● Clock generating circuit ..................................... Built-in 2 circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Power source voltage ................................................ 3.0 to 3.6 V
● Power dissipation
   In high-speed mode ..........................................................20 mW
   (at 8 MHz oscillation frequency, at 3.3 V power source voltage)
   In low-speed mode ......................................................... 330 mW
   (at 32 kHz oscillation frequency, at 3.3 V power source voltage)
● Operating temperature range.................................... –20 to 85°C

<Flash memory mode>
● Supply voltage ................................................. VCC = 3.3 ± 0.3V
● Program/Erase voltage ................................. VPP = 5.0 V ± 10 %
● Programming method ...................... Programming in unit of byte
● Erasing method
   Parallel I/O mode
   CPU reprogramming mode
● Program/Erase control by software command
● Number of times for programming/erasing ............................ 100
● Operating temperature range (at programming/erasing)
   ........................................................................Room temperature




Similar Part No. - M3885

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M3885

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com