Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2808A Datasheet (PDF) - KIA Semiconductor Technology

2808A Datasheet PDF - KIA Semiconductor Technology
Part # 2808A
Download  2808A Download
File Size   540.82 Kbytes
Page   6 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 150A竊?0V N-CHANNEL MOSFET

2808A Datasheet (PDF)

Go To PDF Page Download Datasheet
2808A Datasheet PDF - KIA Semiconductor Technology

Part # 2808A
Download  2808A Click to download

File Size   540.82 Kbytes
Page   6 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 150A竊?0V N-CHANNEL MOSFET

2808A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 2808A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
2808A1 TI-2808A1 Datasheet
250Kb / 11P
LOW POER CURRENT MODE PUSH-PULL PWM
2808A2 TI-2808A2 Datasheet
250Kb / 11P
LOW POER CURRENT MODE PUSH-PULL PWM
More results


Similar Description - 2808A

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
50N06B KIA-50N06B Datasheet
399Kb / 6P
50A,60V N-CHANNEL MOSFET
Rev 1.1 JAN 2014
2300 KIA-2300 Datasheet
311Kb / 5P
6.0A竊?0V N-CHANNEL MOSFET
2804N KIA-2804N Datasheet
355Kb / 7P
150A竊?0V N-CHANNEL MOSFET
2806A KIA-2806A Datasheet
545Kb / 24P
160A竊?0V N-CHANNEL MOSFET
3205S KIA-3205S Datasheet
486Kb / 6P
130A竊?0V N-CHANNEL MOSFET
3308A KIA-3308A Datasheet
478Kb / 7P
80A竊?0V N-CHANNEL MOSFET
3402 KIA-3402 Datasheet
121Kb / 5P
4.0A竊?0V N-CHANNEL MOSFET
KNX1906B KIA-KNX1906B Datasheet
205Kb / 5P
230A竊?0V N-CHANNEL MOSFET
KNX3403A KIA-KNX3403A Datasheet
226Kb / 7P
85A竊?0V N-CHANNEL MOSFET
KNX8103A KIA-KNX8103A Datasheet
235Kb / 5P
30A竊?0V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com