Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6035A Datasheet (PDF) - KIA Semiconductor Technology

6035A Datasheet PDF - KIA Semiconductor Technology
Part # 6035A
Download  6035A Download
File Size   257.49 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 11A, 350V N-CHANNEL MOSFET

6035A Datasheet (PDF)

Go To PDF Page Download Datasheet
6035A Datasheet PDF - KIA Semiconductor Technology

Part # 6035A
Download  6035A Click to download

File Size   257.49 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 11A, 350V N-CHANNEL MOSFET

6035A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 6035A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6035AL FAIRCHILD-6035AL Datasheet
93Kb / 5P
N-Channel Logic Level PowerTrenchTM MOSFET
More results


Similar Description - 6035A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF12N35 FAIRCHILD-FDPF12N35 Datasheet
792Kb / 8P
350V N-Channel MOSFET
FDP12N35 FAIRCHILD-FDP12N35 Datasheet
464Kb / 10P
350V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
600V,11A N-Channel MOSFET
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD11N35UZ MAPLESMI-SLD11N35UZ Datasheet
961Kb / 6P
350V N-Channel MOSFET
SLP11N35UZ MAPLESMI-SLP11N35UZ Datasheet
323Kb / 7P
350V N-Channel MOSFET
SLP13N35UZ MAPLESMI-SLP13N35UZ Datasheet
421Kb / 7P
350V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com