Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CR486 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
DS90CR486 Datasheet PDF - National Semiconductor (TI)
Part # DS90CR486
Download  DS90CR486 Download
File Size   350.32 Kbytes
Page   15 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 133MHz 48-Bit Channel Lick Deserializer (6.384 Gbps)

DS90CR486 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CR486 Datasheet PDF - National Semiconductor (TI)

Part # DS90CR486
Download  DS90CR486 Click to download

File Size   350.32 Kbytes
Page   15 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 133MHz 48-Bit Channel Lick Deserializer (6.384 Gbps)

DS90CR486 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - DS90CR486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486 Datasheet
359Kb / 18P
133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486 TI1-DS90CR486 Datasheet
1Mb / 22P
133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS90CR486 TI2-DS90CR486 Datasheet
883Kb / 23P
DS90CR486 133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
REVISED MARCH 2013
logo
National Semiconductor ...
DS90CR486VS NSC-DS90CR486VS Datasheet
359Kb / 18P
133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
Texas Instruments
DS90CR486VS/NOPB TI1-DS90CR486VS/NOPB Datasheet
1Mb / 22P
133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
More results


Similar Description - DS90CR486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
48-Bit LVDS Channel Link Serializer/Deserializer
DS90CR485 NSC-DS90CR485 Datasheet
330Kb / 16P
133MHz 48-bit Channel Link Serializer (6.384 Gbps)
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
Six Channel 10 Bit BLVDS Deserializer
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
Quad 2.5 Gbps Serializer/Deserializer
DS90CR486 NSC-DS90CR486_06 Datasheet
359Kb / 18P
133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
logo
List of Unclassifed Man...
CPCI-6615 ETC2-CPCI-6615 Datasheet
498Kb / 2P
PCI-X 64-bit/133MHz PMC slot
logo
Texas Instruments
DS90CR485 TI1-DS90CR485_15 Datasheet
1Mb / 22P
133MHz 48-bit Channel Link Serializer (6.384 Gbps)
DS90CR486 TI1-DS90CR486_15 Datasheet
1Mb / 22P
133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
Six Channel 10 Bit BLVDS Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com