Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6140A Datasheet (PDF) - KIA Semiconductor Technology

6140A Datasheet PDF - KIA Semiconductor Technology
Part # 6140A
Download  6140A Download
File Size   493.84 Kbytes
Page   8 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 10A竊?00V N-CHANNEL MOSFET

6140A Datasheet (PDF)

Go To PDF Page Download Datasheet
6140A Datasheet PDF - KIA Semiconductor Technology

Part # 6140A
Download  6140A Click to download

File Size   493.84 Kbytes
Page   8 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 10A竊?00V N-CHANNEL MOSFET

6140A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 6140A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
61400-1 TEC-61400-1 Datasheet
49Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
61400-3 TEC-61400-3 Datasheet
49Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Wurth Elektronik GmbH &...
61400413321 WURTH-61400413321 Datasheet
485Kb / 2P
USB 2.0 TYPE B VERTICAL
614004134726 WURTH-614004134726 Datasheet
503Kb / 2P
USB 2.0 TYPE A UP RIGHT
6140041347261 WURTH-6140041347261 Datasheet
299Kb / 1P
USB 2.0 TYPE A UP RIGHT
More results


Similar Description - 6140A

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
10N80H KIA-10N80H Datasheet
290Kb / 5P
10A竊?00V N-CHANNEL MOSFET
12N60H KIA-12N60H Datasheet
451Kb / 7P
12A竊?00V N-CHANNEL MOSFET
16N50H KIA-16N50H Datasheet
329Kb / 6P
16A竊?00V N-CHANNEL MOSFET
20N40H KIA-20N40H Datasheet
445Kb / 7P
20A竊?00V N-CHANNEL MOSFET
24N50H KIA-24N50H Datasheet
290Kb / 5P
24A竊?00V N-CHANNEL MOSFET
28N50H KIA-28N50H Datasheet
347Kb / 5P
28A竊?00V N-CHANNEL MOSFET
1N60H KIA-1N60H Datasheet
47Kb / 3P
1A竊?00V N-CHANNEL MOSFET
7N60U KIA-7N60U Datasheet
349Kb / 6P
7A竊?00V N-CHANNEL MOSFET
KIA6720N KIA-KIA6720N Datasheet
352Kb / 6P
18A竊?00V N-CHANNEL MOSFET
KNX6610A KIA-KNX6610A Datasheet
266Kb / 5P
15A竊?00V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com