Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH281-P Datasheet (PDF) - Anachip Corp

AH281-P Datasheet PDF - Anachip Corp
Part # AH281-P
Download  AH281-P Download
File Size   147.86 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH281-P Datasheet (PDF)

Go To PDF Page Download Datasheet
AH281-P Datasheet PDF - Anachip Corp

Part # AH281-P
Download  AH281-P Click to download

File Size   147.86 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH281-P Datasheet (HTML) - Anachip Corp


AH281-P Product details

 General Description
AH281 is a monolithic fan motor controller with Hall sensor’s capability. It contains two complementary open-collector drivers for motor’s coil driving, automatic lock shutdown and restart function relatively.
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This function repeats while rotor is blocked. Until the blocking is removed, the motor recovers running normally.

Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Built-in Zener protection for output driver
- Operating voltage: 10V~20 V, driver start up: 8V (minimum)
- Output current: IO(AVE) = 300 mA
- Package: SIP-4L, SOT89-5L




Similar Part No. - AH281-P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH280 ANACHIP-AH280 Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
AH280A-PA ANACHIP-AH280A-PA Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
AH280A-PAA ANACHIP-AH280A-PAA Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
AH280A-PAB ANACHIP-AH280A-PAB Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
AH280A-PB ANACHIP-AH280A-PB Datasheet
180Kb / 7P
Hall-Effect Smart Fan Driver
Rev. 0.7 Apr 16, 2004
More results


Similar Description - AH281-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH286 ANACHIP-AH286 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
logo
Diodes Incorporated
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com