Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7160A Datasheet (PDF) - KIA Semiconductor Technology

7160A Datasheet PDF - KIA Semiconductor Technology
Part # 7160A
Download  7160A Download
File Size   401.85 Kbytes
Page   8 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 20A竊?00V N-CHANNEL MOSFET

7160A Datasheet (PDF)

Go To PDF Page Download Datasheet
7160A Datasheet PDF - KIA Semiconductor Technology

Part # 7160A
Download  7160A Click to download

File Size   401.85 Kbytes
Page   8 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 20A竊?00V N-CHANNEL MOSFET

7160A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 7160A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7160 GILWAY-7160 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Pomona Electronics
7160 POMONA-7160 Datasheet
146Kb / 1P
쩌??2 & 3-Cond. Phone Jack, PC Board Mount
logo
FCI connector
71600 FCI-CONNECTOR-71600 Datasheet
146Kb / 2P
QUICKIE III FEM 0.76,UM Au
71600-020LF FCI-CONNECTOR-71600-020LF Datasheet
124Kb / 2P
QUICKIE III FEM 0.76um Au
71600-020LF FCI-CONNECTOR-71600-020LF Datasheet
123Kb / 2P
QUICKIE III FEM 0.76um Au
More results


Similar Description - 7160A

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
12N60H KIA-12N60H Datasheet
451Kb / 7P
12A竊?00V N-CHANNEL MOSFET
16N50H KIA-16N50H Datasheet
329Kb / 6P
16A竊?00V N-CHANNEL MOSFET
20N40H KIA-20N40H Datasheet
445Kb / 7P
20A竊?00V N-CHANNEL MOSFET
20N50H KIA-20N50H Datasheet
235Kb / 5P
20A竊?00V N-CHANNEL MOSFET
24N50H KIA-24N50H Datasheet
290Kb / 5P
24A竊?00V N-CHANNEL MOSFET
28N50H KIA-28N50H Datasheet
347Kb / 5P
28A竊?00V N-CHANNEL MOSFET
1N60H KIA-1N60H Datasheet
47Kb / 3P
1A竊?00V N-CHANNEL MOSFET
7N60U KIA-7N60U Datasheet
349Kb / 6P
7A竊?00V N-CHANNEL MOSFET
KIA6720N KIA-KIA6720N Datasheet
352Kb / 6P
18A竊?00V N-CHANNEL MOSFET
KNX6610A KIA-KNX6610A Datasheet
266Kb / 5P
15A竊?00V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com