Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8205A Datasheet (PDF) - KIA Semiconductor Technology

8205A Datasheet PDF - KIA Semiconductor Technology
Part # 8205A
Download  8205A Download
File Size   217.02 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 5A 20V N-Channel Enhancement-Mode MOSFET

8205A Datasheet (PDF)

Go To PDF Page Download Datasheet
8205A Datasheet PDF - KIA Semiconductor Technology

Part # 8205A
Download  8205A Click to download

File Size   217.02 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 5A 20V N-Channel Enhancement-Mode MOSFET

8205A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 8205A

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN FUMAN ELECTRON...
8205A FUMAN-8205A Datasheet
329Kb / 3P
20V N-Channel Enhancement MOS FET
logo
VBsemi Electronics Co.,...
8205A VBSEMI-8205A Datasheet
963Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8205A TUOFENG-8205A Datasheet
3Mb / 5P
Dual N-Channel MOSFET
Feb,2018 V1.0
logo
TECH PUBLIC Electronics...
8205A TECHPUBLIC-8205A Datasheet
1Mb / 3P
Dual N-Channel Enhancement Power Mosfet
More results


Similar Description - 8205A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com