Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5340 Datasheet (PDF) - Cirrus Logic

CS5340 Datasheet PDF - Cirrus Logic
Part # CS5340
Download  CS5340 Download
File Size   436.58 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER

CS5340 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5340 Datasheet PDF - Cirrus Logic

Part # CS5340
Download  CS5340 Click to download

File Size   436.58 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER

CS5340 Datasheet (HTML) - Cirrus Logic


CS5340 Product details

General Description
The CS5340 is a complete analog-to-digital converter for digital audio systems. It performs sampling, analogto-digital conversion, and anti-alias filtering, generating 24-bit values for both left and right inputs in serial form at sample rates up to 200 kHz per channel.

Features
◆ Advanced Multi-bit Delta-Sigma Architecture
◆ 24-bit Conversion
◆ Supports All Audio Sample Rates Including 192 kHz
◆ 101 dB Dynamic Range at 5 V
◆ -94 dB THD+N
◆ 90 mW Power Consumption
◆ High-Pass Filter to Remove DC Offsets
◆ Analog/Digital Core Supplies from 3.3 V to 5 V
◆ Supports Logic Levels between 1.8 V and 5 V
◆ Auto-detect Mode Selection in Slave Mode
◆ Auto-Detect MCLK Divider
◆ Pin Compatible with CS5341




Similar Part No. - CS5340

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5340 CIRRUS-CS5340 Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340-CZZ CIRRUS-CS5340-CZZ Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340-CZZ CIRRUS-CS5340-CZZ Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340-CZZR CIRRUS-CS5340-CZZR Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Similar Description - CS5340

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340_06 Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com